전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GC3008 데이터시트(PDF) 2 Page - MPS Industries, Inc.

부품명 GC3008
상세설명  Single ratio (see schematic), thru-hole package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPSIND [MPS Industries, Inc.]
홈페이지  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

GC3008 데이터시트(HTML) 2 Page - MPS Industries, Inc.

  GC3008 Datasheet HTML 1Page - MPS Industries, Inc. GC3008 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product performance is limited to specified parameter. Data is subject to change without prior notice.
GX300X
0903 AL
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.010 .XXX : ±0.003
mm: X,X : ± 0,254 X,XX : ±0,076
DIMENSION A
DIMENSION B
DATA BUS INTERFACE
PULSE TRANSFORMER
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com
0.400
[10.160]
0.200
[5.080]
0.50
[12.70]
MAX
0.340
[8.636]
2
4
1
3
0.35
[8.89]
MAX
Ø0.020
[Ø0.508]
0.25
[6.35]
MAX
MPS
M21038/27-XXX
GX30XX
DC
0.100
[2.540]
0.200
[5.080]
0.400
[10.160]
0.50
[12.70]
MAX
0.340
[8.636]
5
6
3
4
1
2
0.35
[8.89]
MAX
Ø0.020
[Ø0.508]
0.25
[6.35]
MAX
MPS
M21038/27-XXX
GX30XX
DC
1
3
4
2
PRI : SEC
1
3
2
4
5
6
PRI : SEC



Html Pages

1 2