전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA382BW 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 STA382BW
상세설명  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BW 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button STA382BW Datasheet HTML 35Page - STMicroelectronics STA382BW Datasheet HTML 36Page - STMicroelectronics STA382BW Datasheet HTML 37Page - STMicroelectronics STA382BW Datasheet HTML 38Page - STMicroelectronics STA382BW Datasheet HTML 39Page - STMicroelectronics STA382BW Datasheet HTML 40Page - STMicroelectronics STA382BW Datasheet HTML 41Page - STMicroelectronics STA382BW Datasheet HTML 42Page - STMicroelectronics STA382BW Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 172 page
background image
STA382BW
Device overview
Doc ID 022783 Rev 1
39/172
Table 13.
STC band splitter filters memory map
Function
Address
Coefficient
Range
Default
0x40
B1/2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x41
B2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x42
-A1/2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x43
-A2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x44
B0/2
[-1, 1), [-2, 2), [-4, 4)
0x100000
0x45
B1/2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x46
B2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x47
-A1/2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x48
-A2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x49
B0/2
[-1, 1), [-2, 2), [-4, 4)
0x100000
0x4A
B1/2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x4B
B2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x4C
-A1/2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x4D
-A2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x4E
B0/2
[-1, 1), [-2, 2), [-4, 4)
0x100000
0x4F
B1/2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x50
B2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x51
-A1/2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x52
-A2
[-1, 1), [-2, 2), [-4, 4)
0x000000
0x53
B0/2
[-1, 1), [-2, 2), [-4, 4)
0x100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More