전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA540 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STA540
상세설명  4 x 13 W dual/quad power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STA540_12 Datasheet HTML 7Page - STMicroelectronics STA540_12 Datasheet HTML 8Page - STMicroelectronics STA540_12 Datasheet HTML 9Page - STMicroelectronics STA540_12 Datasheet HTML 10Page - STMicroelectronics STA540_12 Datasheet HTML 11Page - STMicroelectronics STA540_12 Datasheet HTML 12Page - STMicroelectronics STA540_12 Datasheet HTML 13Page - STMicroelectronics STA540_12 Datasheet HTML 14Page - STMicroelectronics STA540_12 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STA540
Standard application circuits
Doc ID 13907 Rev 6
11/25
Figure 6.
Stereo plus bridge drive
Suggested applications:
2x 9 W into 2
Ω, +1x 18 W into 4 Ω, at 12 V
2x 12 W into 2
Ω, +1x 26 W into 4 Ω, at 14.4 V
2x 8 W into 4
Ω, +1x 16 W into 8 Ω, at 16 V
1
2
3
4
5
6
7
89
10
11
12
13
14
15
1000 µF
220 nF
2200 µF
100 nF
10 µF
10 k
Ω
IN_L
OUT_L
VS
ST_BY
47 µF
2200 µF
OUT_R
OUT_Bridge
220 nF
IN_R
470 nF
IN_Bridge
STA540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com