| 전자부품 데이터시트 검색엔진 |
|
TDA7529 데이터시트(PDF) 52 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7529 데이터시트(HTML) 52 Page - STMicroelectronics |
|
52 / 61 page ![]() Registers description TDA7529 52/61 Doc ID 13311 Rev 4 6.1.24 PLL main divider (N-divider) 3 (23 / 39) 6.1.25 PLL Divider ratio calculation 6.1.26 VCO divider (V-divider) (24 / 40) Table 50. PLL main divider (N-divider) 3 (23 / 39) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 X X X X X -- - Divider N value A0 A1 A2 A3 A4 Table 51. PLL Divider ratio calculation M counter A counter Notes M16 M15 … M7 … M1 M0 A4 A3 A2 A1 A0 N= 32*P + A M=32 N= M*P + A M>32 (P=32) Table 52. VCO divider (V-divider) (24 / 40) MSB LSB Function D7 D6 D5 D4 D3 D2 D1 D0 - X X X X X X X Divider V value V0 V1 V2 V3 V4 V5 V6 0 1 - - --- - - VCO range selection Range 2 Range 1 |