전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STA2500D 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 STA2500D
상세설명  Bluetooth??V2.1 EDR ("Lisbon") for automotive applications
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2500D 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button STA2500D_10 Datasheet HTML 34Page - STMicroelectronics STA2500D_10 Datasheet HTML 35Page - STMicroelectronics STA2500D_10 Datasheet HTML 36Page - STMicroelectronics STA2500D_10 Datasheet HTML 37Page - STMicroelectronics STA2500D_10 Datasheet HTML 38Page - STMicroelectronics STA2500D_10 Datasheet HTML 39Page - STMicroelectronics STA2500D_10 Datasheet HTML 40Page - STMicroelectronics STA2500D_10 Datasheet HTML 41Page - STMicroelectronics STA2500D_10 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
General specification
STA2500D
38/58
Doc ID 16067 Rev 2
6.13
Bluetooth - WLAN coexistence in collocated scenario
The coexistence interface uses up to 4 WLAN control signal pins, which can be mapped via
software parameter download on different pins of the STA2500D (see Section 7.5).
The functionality of the 4 WLAN control signal pins depends on the selected algorithm, as
explained
below and summarized in Table 24.
Bluetooth and WLAN 802.11 b/g [] [] technologies occupy the same 2.4 GHz ISM band. The
STA2500D implements a set of mechanisms to avoid interference in a collocated scenario.
The STA2500D supports 5 different algorithms in order to provide efficient and flexible
simultaneous functionality between the two technologies in collocated scenarios:
●
Algorithm 1: PTA (Packet Traffic Arbitration) based coexistence algorithm defined in
accordance with the IEEE 802.15.2 recommended practice [].
●
Algorithm 2: the WLAN is the Master and it indicates to the STA2500D when not to
operate in case of simultaneous use of the air interface.
●
Algorithm 3: the STA2500D is the Master and it indicates to the WLAN chip when not
to operate in case of simultaneous use of the air interface.
●
Algorithm 4: Two-wire mechanism
●
Algorithm 5: Alternating Wireless Medium Access (AWMA), defined in accordance
with the WLAN 802.11 b/g [] [] technologies.
The algorithm is selected via an HCI command. The default algorithm is algorithm 1.
6.13.1
Algorithm 1: PTA (packet traffic arbitration)
The algorithm is based on a bus connection between the STA2500D and the WLAN chip:
Figure 13.
PTA diagram
By using this coexistence interface it is possible to dynamically allocate bandwidth to the two
devices when simultaneous operations are required while the full bandwidth can be
allocated to one of them in case the other one does not require activity.
The algorithm involves
●
a priority mechanism, which allows preserving the quality of certain types of link.
●
a mechanism to indicate that a periodic communication is ongoing.
A typical application would be to guarantee optimal quality to the Bluetooth voice
communication while an intensive WLAN communication is ongoing.
Several algorithms have been implemented in order to provide a maximum of flexibility and
efficiency for the priority handling. ST specific HCI commands are implemented to select the
algorithm and to tune the priority handling.
STLC2500D
WLAN
RF_REQUEST
STATUS
FREQ
RF_CONFIRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com