전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STICE 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STICE
상세설명  Full-featured cost-effective emulation system for ST microcontrollers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STICE 데이터시트(HTML) 2 Page - STMicroelectronics

  STICE Datasheet HTML 1Page - STMicroelectronics STICE Datasheet HTML 2Page - STMicroelectronics STICE Datasheet HTML 3Page - STMicroelectronics STICE Datasheet HTML 4Page - STMicroelectronics STICE Datasheet HTML 5Page - STMicroelectronics STICE Datasheet HTML 6Page - STMicroelectronics STICE Datasheet HTML 7Page - STMicroelectronics STICE Datasheet HTML 8Page - STMicroelectronics STICE Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Description
STICE
2/9
Doc ID 13797 Rev 4
Description
The STice is the advanced in-circuit emulation system from STMicroelectronics. It offers a
complete range of proven debugging features such as advanced breakpoints and trace
recording. In addition, it provides new profiling and coverage capabilities to help detect and
eliminate dead code and bottlenecks in application execution.
In addition to emulation, the STice provides in-circuit debugging and programming capability
for ST microcontrollers via the ST single wire interface module (SWIM). SWIM allows non-
intrusive debugging of an application while it runs on the target microcontroller.
The STice is supported by the free STM8 toolset, which includes the ST Visual Develop
(STVD) integrated development environment for building, debugging and fine-tuning
applications, the ST Visual Programmer (STVP) microcontroller programming interface and
the STM8 Assembler.
The STice offers improved cost-effectiveness by allowing users to order exactly what they
need to meet their development requirements and to adapt their emulation system to
support existing and future ST microcontrollers. All these connection accessories and the
STice emulation boards can be ordered independently as replacement parts.



Html Pages

1 2 3 4 5 6 7 8 9