| 전자부품 데이터시트 검색엔진 |
|
AM29F016D 데이터시트(PDF) 9 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29F016D 데이터시트(HTML) 9 Page - SPANSION |
|
9 / 44 page ![]() November 16, 2009 21444E9 Am29F016D 7 D A TA SH EE T ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29F016D -70 E F TEMPERATURE RANGE I = Industrial (–40 ° C to +85° C) F = Industrial (–40 ° C to +85° C)with Pb-free package PACKAGE TYPE E = 48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048) E4 = 40-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 040) S = 44-Pin Small Outline Package (SO 044) This device is also available in Known Good Die (KGD) form. See publication number 21551 for more information. SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29F016D 16 Megabit (2 M x 8-Bit) CMOS 5.0 Volt-only Sector Erase Flash Memory 5.0 V Read, Program, and Erase Valid Combinations AM29F016D-70 EI, EF, E4F, SF, E4I, SI AM29F016D-90 EI, E4I, SI, EF, E4F, SF |