| 전자부품 데이터시트 검색엔진 |
|
291C4032R832BA 데이터시트(PDF) 2 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
291C4032R832BA 데이터시트(HTML) 2 Page - CTS Corporation |
|
2 / 3 page ![]() 2 - 3 7/17/12 CTS Electrocomponents www.ctscorp.com © 2011 CTS Corporation. All rights reserved. Information subject to change. TYPE 291V 2-Bit Encoder With Momentary Switch, Shaft Perpendicular to PC Board Electrical and Mechanical Specifications (continued) Switch Contact Resistance 10 Ω maximum Switch Rating 5 VDC @ 10 mA Switch Travel Actuation Force Optional Momentary Switch: DIMENSION: inch mm .031 0.79 .250 6.35 Ø .218 ± 5.53 3/8-32UNEF-2A THREAD .291 7.40 .047 1.19 .488 12.40 .281 7.13 R .250 6.35 .541 13.75 TYPE 291C 2-Bit Encoder With Momentary Switch, Cable, and Connector .246 6.25 2 3 4 5 6 3/8 32 UNEF-2A THEAD 1 Ø .488 12.40 .541 13.75 .047 7.13 .281 7.13 6.35 510 ± 110 grams Switch Life 0.5 ± 0.25 mm B L B L 6.35 CENT. PINS ARE 0.4 SQUARE GENERAL TOLERANCE : ± R ± .002 0.05 ± ±.002 ±0.05 ±.015 ±0.38 .250 6.35 ±.002 ±0.05 .250 6.35 ±.002 ±0.05 .250 6.35 ±.002 ±0.05 .218 ±.002 5.53 0.05 ± .250 .291 7.40 .031 0.79 CABLE LENGTH See Termination Options .250 .050 1.27 .010 inch 0.25 mm GENERAL TOLERANCE : ± ± .010 inch 0.25 mm CONNECTOR IS AMP P/N 215083-6 OR EQUIVALENT 2 3 4 5 6 1 .148 3.75 .024 0.60 .148 3.75 .024 0.60 CENT. .354 9.00 .423 10.75 ±.014 ±0.35 ±.014 ±0.35 ±.014 ±0.35 CENT. .354 9.00 Standard: 1 Million actuations minimum Special: Consult CTS for custom life requirements. |