| 전자부품 데이터시트 검색엔진 |
|
AM29F160DB70 데이터시트(PDF) 12 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
AM29F160DB70 데이터시트(HTML) 12 Page - SPANSION |
|
12 / 47 page ![]() 10 Am29F160D Am29F160D_00_D10 April 23, 2010 D A TA SH EE T Table 2. Am29F160DT Sector Address Table (Top Boot) Note: Address range is A19:A-1 in byte mode and A19:A0 in word mode. See “Word/Byte Configuration” section. Sector A19 A18 A17 A16 A15 A14 A13 A12 Sector Size (Kbytes/ Kwords) Address Range (in hexadecimal) Byte Mode (x8) Word Mode (x16) SA0 0 0 0 0 0 X X X 64/32 000000–00FFFF 00000–07FFF SA1 0 0 0 0 1 X X X 64/32 010000–01FFFF 08000–0FFFF SA2 0 0 0 1 0 X X X 64/32 020000–02FFFF 10000–17FFF SA3 0 0 0 1 1 X X X 64/32 030000–03FFFF 18000–1FFFF SA4 0 0 1 0 0 X X X 64/32 040000–04FFFF 20000–27FFF SA5 0 0 1 0 1 X X X 64/32 050000–05FFFF 28000–2FFFF SA6 0 0 1 1 0 X X X 64/32 060000–06FFFF 30000–37FFF SA7 0 0 1 1 1 X X X 64/32 070000–07FFFF 38000–3FFFF SA8 0 1 0 0 0 X X X 64/32 080000–08FFFF 40000–47FFF SA9 0 1 0 0 1 X X X 64/32 090000–09FFFF 48000–4FFFF SA10 0 1 0 1 0 X X X 64/32 0A0000–0AFFFF 50000–57FFF SA11 0 1 0 1 1 X X X 64/32 0B0000–0BFFFF 58000–5FFFF SA12 0 1 1 0 0 X X X 64/32 0C0000–0CFFFF 60000–67FFF SA13 0 1 1 0 1 X X X 64/32 0D0000–0DFFFF 68000–6FFFF SA14 0 1 1 1 0 X X X 64/32 0E0000–0EFFFF 70000–77FFF SA15 0 1 1 1 1 X X X 64/32 0F0000–0FFFFF 78000–7FFFF SA16 1 0 0 0 0 X X X 64/32 100000–10FFFF 80000–87FFF SA17 1 0 0 0 1 X X X 64/32 110000–11FFFF 88000–8FFFF SA18 1 0 0 1 0 X X X 64/32 120000–12FFFF 90000–97FFF SA19 1 0 0 1 1 X X X 64/32 130000–13FFFF 98000–9FFFF SA20 1 0 1 0 0 X X X 64/32 140000–14FFFF A0000–A7FFF SA21 1 0 1 0 1 X X X 64/32 150000–15FFFF A8000–AFFFF SA22 1 0 1 1 0 X X X 64/32 160000–16FFFF B0000–B7FFF SA23 1 0 1 1 1 X X X 64/32 170000–17FFFF B8000–BFFFF SA24 1 1 0 0 0 X X X 64/32 180000–18FFFF C0000–C7FFF SA25 1 1 0 0 1 X X X 64/32 190000–19FFFF C8000–CFFFF SA26 1 1 0 1 0 X X X 64/32 1A0000–1AFFFF D0000–D7FFF SA27 1 1 0 1 1 X X X 64/32 1B0000–1BFFFF D8000–DFFFF SA28 1 1 1 0 0 X X X 64/32 1C0000–1CFFFF E0000–E7FFF SA29 1 1 1 0 1 X X X 64/32 1D0000–1DFFFF E8000–EFFFF SA30 1 1 1 1 0 X X X 64/32 1E0000–1EFFFF F0000–F7FFF SA31 1 1 1 1 1 0 X X 32/16 1F0000–1F7FFF F8000–FBFFF SA32 1 1 1 1 1 1 0 0 8/4 1F8000–1F9FFF FC000–FCFFF SA33 1 1 1 1 1 1 0 1 8/4 1FA000–1FBFFF FD000–FDFFF SA34 1 1 1 1 1 1 1 X 16/8 1FC000–1FFFFF FE000–FFFFF |