| 전자부품 데이터시트 검색엔진 |
|
STPS40SM120C 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS40SM120C 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() Characteristics STPS40SM120C 2/9 Doc ID 022917 Rev 1 1 Characteristics When the two diodes 1 and 2 are used simultaneously: ΔT j(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c) Table 2. Absolute ratings (limiting values per diode at Tamb = 25 °C, unless otherwise specified) Symbol Parameter Value Unit VRRM Repetitive peak reverse voltage 120 V IF(RMS) Forward rms current 30 A IF(AV) Average forward current, δ = 0.5 Per diode Tc = 125 °C 20 A Per device Tc = 115 °C 40 IFSM Surge non repetitive forward current tp = 10 ms sinusoidal 210 A PARM (1) 1. For pulse time duration deratings, please refer to Figure 4. More details regarding the avalanche energy measurements and diode validation in the avalanche are provided in the STMicroelectronics Application notes AN1768, “Admissible avalanche power of schottky diodes” and AN2025, “Converter improvement using Schottky rectifier avalanche specification”. Repetitive peak avalanche power Tj = 125 °C, tp = 10 µs 1150 W VARM (2) 2. See Figure 9 Maximum repetitive peak avalanche voltage tp < 10 µs, Tj < 125 °C, IAR < 7.7 A 150 V VASM (2) Maximum single-pulse peak avalanche voltage tp < 10 µs, Tj < 125 °C, IAR < 7.7 A 150 V Tstg Storage temperature range -65 to +175 °C Tj Maximum operating junction temperature(3) 3. condition to avoid thermal runaway for a diode on its own heatsink 150 °C Table 3. Thermal resistance Symbol Parameter Value Unit Rth(j-c) Junction to case Per diode 1.35 °C/W Total 0.93 Rth(c) Coupling 0.50 dPtot dTj < 1 Rth(j-a) |