전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW82101B 데이터시트(PDF) 49 Page - STMicroelectronics

부품명 STW82101B
상세설명  RF down converter with embedded integer-N synthesizer
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82101B 데이터시트(HTML) 49 Page - STMicroelectronics

Back Button STW82101B Datasheet HTML 45Page - STMicroelectronics STW82101B Datasheet HTML 46Page - STMicroelectronics STW82101B Datasheet HTML 47Page - STMicroelectronics STW82101B Datasheet HTML 48Page - STMicroelectronics STW82101B Datasheet HTML 49Page - STMicroelectronics STW82101B Datasheet HTML 50Page - STMicroelectronics STW82101B Datasheet HTML 51Page - STMicroelectronics STW82101B Datasheet HTML 52Page - STMicroelectronics STW82101B Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
STW82101B
SPI digital interface
Doc ID 018503 Rev 3
49/68
Figure 22.
SPI data structure
A1
A0
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Address
Data for register (24 bits)
MSB
LSB
Note: MSB is sent first
Table 18.
Address decoder and outputs
Address
Outputs
A1
A0
DATABITS
D23-D0
No
Name
Function
0
0
24
0
ST1
DAC, Mixer, Tuning capacitors, LO_amplitude
01
24
1
ST2
Reference divider, VCO amplitude, VCO Calibration, Charge
Pump current, Prescaler Modulus, Mute functions
1
0
24
2
ST3
Functional modes, VCO dividers
1
1
24
3
ST4
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68