| 전자부품 데이터시트 검색엔진 |
|
EMIF06-MSD04F3 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
EMIF06-MSD04F3 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 9 page ![]() Characteristics EMIF06-MSD04F3 2/9 Doc ID 018849 Rev 1 1 Characteristics Figure 2. EMIF06-MSD04F3 configuration Table 1. Absolute ratings (limiting values) Symbol Parameter Value Unit VPP ESD discharge IEC 61000-4-2, level 4 Air discharge, card side Contact discharge, card side Air discharge, IC side Contact discharge, IC side 15 8 2 2 kV Tj Maximum junction temperature 125 °C Top Operating temperature range - 40 to + 85 °C Tstg Storage temperature range - 55 to + 150 °C Table 2. Pin configuration Pin Signal Pin Signal A1 Dat0 C1 CMD A2 Dat1 C2 Vss A3 SDDat1 C3 Vss A4 SDDda0 C4 SDCMD B1 Clk D1 Dat3/CD B2 Vcc D2 Dat2 B3 Vss D3 SDDat2 B4 SDClk D4 SDDat3/CD Vss Vcc Clk CMD Dat0 Dat1 Dat2 Dat3/CD SDClk SDCMD SDDat0 SDDat1 SDDat2 SDDat3/CD Card side R1 R2 R3 R4 R5 R6 Host side |