전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STEVAL-ISA067V1 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STEVAL-ISA067V1
상세설명  Dual step-down controller with auxiliary voltages demonstration board based on the PM6681A for industrial system power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA067V1 데이터시트(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA067V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA067V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA067V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA067V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2009
Doc ID 15643 Rev 1
1/4
4
STEVAL-ISA067V1
Dual step-down controller with auxiliary voltages demonstration
board based on the PM6681A for industrial system power
Features
■ 5.5 V to 36 V input voltage range
■ Vout1: 3.3 V, Iout1 > 2.5 A (or adjustable output
voltage)
■ Vout2: 1.8 V, Iout2 > 2.5 A (or adjustable output
voltage)
■ 0.9 - 3.3 V adjustable LDO delivers 100 mA
peak current
■ 5 V LDO delivers 100 mA peak current
■ 1.237 V ± 1% reference voltage available
■ Loss-less current sensing using low-side
MOSFET RDS(on)
■ Negative current limit
■ Soft-start internally fixed at 2 ms
■ Soft output discharge
■ Latched UVP
■ Non-latched OVP
■ Selectable pulse-skipping at light loads
■ Selectable minimum frequency (33 kHz) in
pulse-skip mode
■ 4 mW maximum quiescent power
■ Independent power-good signals
■ Output voltage ripple compensation
■ RoHS compliant
Description
This demonstration board is based on the
PM6681A, a dual step-down controller with
adjustable output voltages that can be used in
industrial power systems. The PM6681A
demonstration board allows testing all the
device's functions and provides two switching
sections, with (typically) 3.3 V (OUT1) and 1.8 V
(OUT2) outputs from 5.5 V to 36 V input voltage.
The typical operating switching frequency of the
two available sections is 200 kHz/300 kHz,
respectively. Each switching section delivers more
than 2.5 A output current.
An internal linear regulator provides a fixed 5 V
output voltage. Another internal linear regulator
provides an adjustable output voltage (default 2.5
V). Both linear regulators can deliver up to 100
mA peak current.
STEVAL-ISA067V1
www.st.com


유사한 부품 번호 - STEVAL-ISA067V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
6 W dual output SMPS demonstration board based on the VIPER17
11-Jun-2009
STEVAL-ISA063V2 STMICROELECTRONICS-STEVAL-ISA063V2 Datasheet
82Kb / 4P
Power save mode at light load
December 2011 Rev 1
STEVAL-ISA068V1 STMICROELECTRONICS-STEVAL-ISA068V1 Datasheet
342Kb / 4P
4 A DC output current
06-Jun-2012
More results

유사한 설명 - STEVAL-ISA067V1

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
23-Sep-2005
PM6680 STMICROELECTRONICS-PM6680 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
28-Aug-2007
PM6680 STMICROELECTRONICS-PM6680_08 Datasheet
2Mb / 49P
No Rsense dual step-down controller with adjustable voltages for notebook system power
21-Jan-2008
PM6685 STMICROELECTRONICS-PM6685_07 Datasheet
2Mb / 52P
Dual step-down main supply controller with auxilary voltages for notebook system power
18-Oct-2007
STEVAL-ISA053V1 STMICROELECTRONICS-STEVAL-ISA053V1 Datasheet
189Kb / 4P
Demonstration board for the PM6680 dual step-down controller with adjustable output voltage for notebook power system
29-Sep-2008
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
AN2565 STMICROELECTRONICS-AN2565 Datasheet
1Mb / 29P
PM6680A evaluation kit dual step-down controller with auxiliary voltages
07-Apr-2008
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
Dual step-down controller with auxiliary voltages for industrial system power
24-Feb-2009
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
Power system demonstration kit based on the PM6686 dual
20-Aug-2009
AN2938 STMICROELECTRONICS-AN2938 Datasheet
1Mb / 39P
Power system demonstration kit based on the PM6686 dual
19-Jun-2009
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com