전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24M01-R 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 M24M01-R
상세설명  1-Mbit serial I²C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-R 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button M24M01-R_12 Datasheet HTML 3Page - STMicroelectronics M24M01-R_12 Datasheet HTML 4Page - STMicroelectronics M24M01-R_12 Datasheet HTML 5Page - STMicroelectronics M24M01-R_12 Datasheet HTML 6Page - STMicroelectronics M24M01-R_12 Datasheet HTML 7Page - STMicroelectronics M24M01-R_12 Datasheet HTML 8Page - STMicroelectronics M24M01-R_12 Datasheet HTML 9Page - STMicroelectronics M24M01-R_12 Datasheet HTML 10Page - STMicroelectronics M24M01-R_12 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
M24M01-R M24M01-DF
Description
Doc ID 12943 Rev 10
7/38
Figure 2.
8-pin package connections
1.
DU: Don't Use (if connected, must be connected to VSS)
2.
See Section 9: Package mechanical data for package dimensions, and how to identify pin 1.
Figure 3.
WLCSP connections for M24M01 DFCS6TP/K
(top view, marking side, with balls on the underside)
3.
DU: Don't Use (if connected, must be connected to VSS)
4.
See Section 9: Package mechanical data for package dimensions, and how to identify pin 1.
MS30966V2
VCC
SDA
VSS
WC
SCL
DU
E1
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38