전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24M01-DF 데이터시트(PDF) 22 Page - STMicroelectronics

부품명 M24M01-DF
상세설명  1-Mbit serial I²C bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-DF 데이터시트(HTML) 22 Page - STMicroelectronics

Back Button M24M01-DF_12 Datasheet HTML 18Page - STMicroelectronics M24M01-DF_12 Datasheet HTML 19Page - STMicroelectronics M24M01-DF_12 Datasheet HTML 20Page - STMicroelectronics M24M01-DF_12 Datasheet HTML 21Page - STMicroelectronics M24M01-DF_12 Datasheet HTML 22Page - STMicroelectronics M24M01-DF_12 Datasheet HTML 23Page - STMicroelectronics M24M01-DF_12 Datasheet HTML 24Page - STMicroelectronics M24M01-DF_12 Datasheet HTML 25Page - STMicroelectronics M24M01-DF_12 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Initial delivery state
M24M01-R M24M01-DF
22/38
Doc ID 12943 Rev 10
5.4
Read the lock status (M24M01-D only)
The locked/unlocked status of the Identification page can be checked by transmitting a
specific truncated command [Identification Page Write instruction + one data byte] to the
device. The device returns an acknowledge bit if the Identification page is unlocked,
otherwise a NoAck bit if the Identification page is locked.
Right after this, it is recommended to transmit to the device a Start condition followed by a
Stop condition, so that:
●
Start: the truncated command is not executed because the Start condition resets the
device internal logic,
●
Stop: the device is then set back into Standby mode by the Stop condition.
6
Initial delivery state
The device is delivered with all bits set to 1 (both in the memory array and in the
Identification page - that is, each byte contains FFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38