전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STI5205 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STI5205
상세설명  High-performance advanced SD decoder for set-top box
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI5205 데이터시트(HTML) 4 Page - STMicroelectronics

  STI5205 Datasheet HTML 1Page - STMicroelectronics STI5205 Datasheet HTML 2Page - STMicroelectronics STI5205 Datasheet HTML 3Page - STMicroelectronics STI5205 Datasheet HTML 4Page - STMicroelectronics STI5205 Datasheet HTML 5Page - STMicroelectronics STI5205 Datasheet HTML 6Page - STMicroelectronics STI5205 Datasheet HTML 7Page - STMicroelectronics STI5205 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Applications
STi5205
4/8
2
Applications
The STi5205 includes in a single IC, multi-stream transport de-multiplexing and
descrambling, an ST40 applications CPU, advanced audio/video decoding, video
processing, graphics and display composition, advanced security, STB peripherals,
audio/video DACs, HDMI, two Host USB ports, eSATA HDD port and Ethernet MAC
MII/RMII.
Figure 1. IP client SD STB
STi5205
2x
FLASH
EMI
DDR2
LMI
RJ45
PHY
MII
E2PROM
I2C
30 MHz
HDMI
TMDS/I2C
IR
Tx/Rx
RESET
JTAG
DCU
USB 2.0
PCI
Ethernet
KEYSCAN / PIOs
Front panel
display and controls
LAN module(1)



Html Pages

1 2 3 4 5 6 7 8