전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV6120 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STV6120
상세설명  8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6120 데이터시트(HTML) 1 Page - STMicroelectronics

  STV6120 Datasheet HTML 1Page - STMicroelectronics STV6120 Datasheet HTML 2Page - STMicroelectronics STV6120 Datasheet HTML 3Page - STMicroelectronics STV6120 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2011
Doc ID 022527 Rev 1
1/4
4
STV6120
8PSK/QPSK low-power 3.3-V dual wide-band satellite tuner IC
Features
■ Four VLNA inputs
■ On-chip 4:2 matrix
■ Input frequency range 250 MHz to 2150 MHz
■ Two independently programmable tuners
■ RF to baseband direct conversion
■ Single 3.3-V DC supply
■ Fractional N synthesizers
■ Extremely low phase noise, compliant with
DVB-S2 requirements
■ Flexible crystal frequency output to drive the
demodulator IC
■ Continuously variable gain: 0 to 65 dB
■ Additional and programmable gain on
baseband amplifier: 0 to 16 dB
■ Programmable 5- to 36-MHz cut-off frequency
(Butterworth 5th-order baseband filters)
■ Low power consumption
■ Compatible with 5- and 3.3-V I2C bus
Applications
■ Direct broadcasting satellite (DBS)
QPSK/8PSK demodulation
■ Set-top box
Package
■ VFQFPN-56 8 x 8 x 1 mm3 with exposed pad
down (EPD) for heat dissipation
■ ECOPACK®, environmentally friendly package
Description
The STV6120 satellite tuner is a quad-input dual
direct-conversion (zero-IF) wideband satellite
tuner intended for digital set-top boxes and similar
applications.
PLL2
XTAL
RFBin
QP1
I2C Bus Interface
QN1
IN1
IP1
AGC1
SCL
XTAL_IN
SDA
DC offset compensation 2
XTAL_OUT
XTAL_INN
RFCin
VLNA
QN2
IN2
IP2
DC offset compensation 1
PLL1
QP2
RFDin
RFAin
+
Matrix 4:2
AGC2
+dividers1
+ dividers2
Amplifier
www.st.com


유사한 부품 번호 - STV6120

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
8PSK/QPSK low-power 3.3 V satellite tuner IC
21-Aug-2008
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
8PSK/QPSK low-power 3.3-V satellite tuner IC
29-Nov-2011
More results

유사한 설명 - STV6120

제조업체부품명데이터시트상세설명
logo
Mitel Networks Corporat...
SL1925 MITEL-SL1925 Datasheet
524Kb / 20P
Satellite Zero IF QPSK Tuner IC
SL2015 MITEL-SL2015 Datasheet
181Kb / 17P
Full Band Satellite Tuner
SL2017 MITEL-SL2017 Datasheet
190Kb / 17P
Full Band Satellite Tuner
logo
NXP Semiconductors
TDA8260TW PHILIPS-TDA8260TW Datasheet
143Kb / 23P
Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Sep 03
TDA8261TW PHILIPS-TDA8261TW Datasheet
136Kb / 22P
Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
2004 Dec 02
logo
STMicroelectronics
STB6100 STMICROELECTRONICS-STB6100 Datasheet
87Kb / 2P
8PSK/QPSK direct conversion tuner IC
Sep-2004
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
Digital Satellite Dual Tuner RF IC
logo
STMicroelectronics
STV6110A STMICROELECTRONICS-STV6110A Datasheet
51Kb / 5P
8PSK/QPSK low-power 3.3 V satellite tuner IC
21-Aug-2008
STB6100 STMICROELECTRONICS-STB6100_09 Datasheet
57Kb / 5P
8PSK/QPSK direct conversion tuner IC
21-Apr-2009
STV6111 STMICROELECTRONICS-STV6111 Datasheet
56Kb / 4P
8PSK/QPSK low-power 3.3-V satellite tuner IC
29-Nov-2011
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com