전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXP-85112 데이터시트(PDF) 4 Page - Sony Corporation

부품명 CXP-85112
상세설명  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85112 데이터시트(HTML) 4 Page - Sony Corporation

  CXP-85112 Datasheet HTML 1Page - Sony Corporation CXP-85112 Datasheet HTML 2Page - Sony Corporation CXP-85112 Datasheet HTML 3Page - Sony Corporation CXP-85112 Datasheet HTML 4Page - Sony Corporation CXP-85112 Datasheet HTML 5Page - Sony Corporation CXP-85112 Datasheet HTML 6Page - Sony Corporation CXP-85112 Datasheet HTML 7Page - Sony Corporation CXP-85112 Datasheet HTML 8Page - Sony Corporation CXP-85112 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
– 4 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
PF3/PWM3
BLK
R
G
B
VSYNC
HSYNC
EXLC
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
61
63
64
62
53
54
55
56
57
58
59
60
PF4/PWM4/SCL0
PF5/PWM5/SCL1
PF6/PWM6/SDA0
PF7/PWM7/SDA1
PB7
PB6
PB5
PB4
PB3
PB2
PB1
PB0
PC7
PC6
PC5
PC4
PC3
PC2
PC1
PC0
PD7/EC
4
5
6
7
8
9
10
2
3
1
11
12
13
14
15
16
17
18
19
20 21 22 23 24 25 26 27 28 29 30
PA1
PA0
31 32
XLC
PE0/INT0
PE1/INT1
PE2/AN0
PE3/AN1
PE4/AN2
PE5/AN3
Note)
1. NC (Pin 56) must be connected to VDD.
2. Vss for both Pins 26 and 58 must be grounded.
3. MP (Pin 55) must be connected to GND.
Pin Assignment 2 (Top View) 64 pin QFP Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20