전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS3212LSOT 데이터시트(PDF) 2 Page - SEC Electronics Inc.

부품명 SS3212LSOT
상세설명  CMOS Omnipolar High Sensitivity Micropower Hall Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS3212LSOT 데이터시트(HTML) 2 Page - SEC Electronics Inc.

  SS3212LSOT Datasheet HTML 1Page - SEC Electronics Inc. SS3212LSOT Datasheet HTML 2Page - SEC Electronics Inc. SS3212LSOT Datasheet HTML 3Page - SEC Electronics Inc. SS3212LSOT Datasheet HTML 4Page - SEC Electronics Inc. SS3212LSOT Datasheet HTML 5Page - SEC Electronics Inc. SS3212LSOT Datasheet HTML 6Page - SEC Electronics Inc. SS3212LSOT Datasheet HTML 7Page - SEC Electronics Inc. SS3212LSOT Datasheet HTML 8Page - SEC Electronics Inc. SS3212LSOT Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SS3212
CMOS Omnipolar High Sensitivity Micropower Hall Switch
2
V2.00
May 1, 2012
Typical Application Circuit
SEC's pole-independent sensing technique allows for operation
with either a north pole or south pole magnet orientation,
enhancing the manufacturability of the device. The
state-of-the-art technology provides the same output polarity
for either pole face.
It is strongly recommended that an external bypass capacitor be
connected (in close proximity to the Hall sensor) between the
supply and ground of the device to reduce both external noise
and noise generated by the chopper-stabilization technique.
This is especially true due to the relatively high impedance of
battery supplies.
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10