전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMM152 데이터시트(PDF) 5 Page - Summit Microelectronics, Inc.

부품명 SMM152
상세설명  Single-channel Voltage/Current Monitors and Voltage Marginers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUMMIT [Summit Microelectronics, Inc.]
홈페이지  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM152 데이터시트(HTML) 5 Page - Summit Microelectronics, Inc.

  SMM152 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM152 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
SMM151/152
Summit Microelectronics, Inc
2131 3.0 1/20/2010
5
PIN DESCRIPTIONS (CONTINUED)
5
I/O
READY
Programmable active high/low open drain output indicates that VM+ - VM-
is at its set point. When programmed as an active high output, READY can
also be used as an input. When pulled low, it will latch the state of the
comparator inputs.
29
GND
GND
GND. The bottom side metal plate (Pad 29) should be connected on the
PCB to GND for optimized noise performance.
1
28
21
20
19
18
17
16
15
22
23
24
25
26
27
2
3
4
5
6
7
14
13
SMM150
Pin 1
SCL
A2
(GPIO0)
A1
READY
A0
GND
VDD
TRIM
COMP1
CS+
CS-
CAPC
VM-
12
11
10
9
8
28-Pad 5x5 QFN
Top View
() applies on SMM152
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24