전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS005AKC 데이터시트(PDF) 5 Page - Sony Corporation

부품명 DS005AKC
상세설명  Single-Panel Liquid Crystal Optical Engine for Rear Projectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

DS005AKC 데이터시트(HTML) 5 Page - Sony Corporation

  DS005AKC Datasheet HTML 1Page - Sony Corporation DS005AKC Datasheet HTML 2Page - Sony Corporation DS005AKC Datasheet HTML 3Page - Sony Corporation DS005AKC Datasheet HTML 4Page - Sony Corporation DS005AKC Datasheet HTML 5Page - Sony Corporation DS005AKC Datasheet HTML 6Page - Sony Corporation DS005AKC Datasheet HTML 7Page - Sony Corporation DS005AKC Datasheet HTML 8Page - Sony Corporation DS005AKC Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
– 5 –
DS005AKC
1. Contrast ratio
Contrast ratio (CR) is given by the following formula.
L (White): Surface illuminance of the screen at the input signal amplitude VAC = 0.5V.
L (Black): Surface illuminance of the screen at VAC = 4.5V.
Both luminances are measured by Measurement System I.
CR = L (White)/L (Black)
2. Luminous intensity
In Measurement System I, the average of the illuminance at the nine points specified in the ANSI standards
when the input signal amplitude VAC is 0.5V, multiplied by the projection area, is computed.
L = average illuminance at nine ANSI points (lm/m2)
× projection area (m2)
Nine ANSI points: centers of each of the
areas obtained by dividing
the effective display area
into nine smaller areas
3. Chromaticity
Raster modes of each color are defined by the representations at the input signal amplitude conditions shown
in the table below. Measurement System I uses chromaticity of x and y of the CIE standards here.
4. Color shading
In Measurement System I, the maximum values of CIE color differences at the three points in the middle row
of the nine ANSI points, measured at an input signal amplitude VAC of 0.5V, are used to compute the color
shading.
∆u'v' =
(u'1 – u'2)2 + (v'1 – v2)2
For other electro-optical characteristics, see the LCX021BM specifications.
(Unit: V)
R input
G input
B input
0.5
4.5
4.5
4.5
0.5
4.5
4.5
4.5
0.5
R
G
B
Signal amplitude (VAC) applied to each input
H/3
H/3
H/3
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com