전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADAM-6150 데이터시트(PDF) 1 Page - Advantech Co., Ltd.

부품명 ADAM-6150
상세설명  15-ch Isolated Digital I/O Real-time Ethernet Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ADVANTECH [Advantech Co., Ltd.]
홈페이지  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-6150 데이터시트(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-6150 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.advantech.com/products
Online Download
ADAM-6150
ADAM-6151/6156
ADAM-6160
Specifications
Digital Input
ƒ
Channels
ADAM-6150: 8
ADAM-6151: 16
ƒ
Dry Contact
Logic level 0: close to GND
Logic level 1: open
ƒ
Wet Contact
Logic level 0: 0 ~ 3 VDC
Logic level 1: 10 ~ 30 VDC
ƒ
Input Impedance
10 k
W
ƒ
Transition Time
From logic level 0 to 1: 0.2 ms
From logic level 1 to 0: 0.2 ms
Digital Output
ƒ
Channels
ADAM-6150: 7
ADAM-6156: 16
ƒ
Output Voltage Range 8 ~ 35 VDC
ƒ
Normal Output Current 100 mA (per channel)
Ordering Information
ƒ
ADAM-6150EI
15-ch Isolated DI/O EtherNet/IP Module
ƒ
ADAM-6151EI
16-ch Isolated DI EtherNet/IP Module
ƒ
ADAM-6156EI
16-ch Isolated DO EtherNet/IP Module
ƒ
ADAM-6150PN
15-ch Isolated DI/O PROFINET Module
ƒ
ADAM-6151PN
16-ch Isolated DI PROFINET Module
ƒ
ADAM-6156PN
16-ch Isolated DO PROFINET Module
ADAM-6150/6151/6156
15-ch Isolated Digital I/O Real-time Ethernet
Module
16-ch Isolated Digital Input/ Digital Output
Real-time Ethernet Module
6-ch Relay Real-time Ethernet Module
Specifications
Relay Output
ƒ
Channels
6 Form C
Switching Capacity and Lifetime of the Contact (For Resistive Load)
ƒ
VDE
30,000 operations (5 A @ 250 VAC, 10 operations/
minute at 85° C)
70,000 operations (5 A @ 30 VDC, 10 operations/
minute at 85° C)
ƒ
UL
60,000 operations (5 A @ 250 VAC)
100,000 operations (5 A @ 30 VDC)
ƒ
Mechanism
20,000,000 operations (no load, 300 operations/min)
ƒ
Breakdown Voltage
500 VAC (50/60 Hz)
ƒ
Contact Resistance
30 m
W (maximum)
ƒ
Insulation Resistance 1 G
W (minimum) at 500 VDC
Ordering Information
ƒ
ADAM-6160EI
6-ch Relay EtherNet/IP Module
ƒ
ADAM-6160PN
6-ch Relay PROFINET Module
ADAM-6160
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
Common Specifications
General
ƒ
LAN
10/100Base-T(X)
ƒ
Power Consumption
ADAM-6150: 2.4 W @ 24 VDC
ADAM-6151: 2.4 W @ 24 VDC
ADAM-6156: 2.7 W @ 24 VDC
ADAM-6160: 3.5 W @ 24 VDC
ƒ
Connectors
2 x RJ-45 LAN, (Daisy Chain)
Plug-in screw terminal block (I/O and power)
ƒ
Watchdog
System (1.6 second) and Communication (programmable)
ƒ
Power Input
10 ~ 30 VDC
Protection
ƒ
Over Voltage Protection ±35 VDC
ƒ
Isolation Protection
2,500 VDC
ƒ
Power Reversal Protection
Environment
ƒ
Operating Temperature -10 ~ 70° C (14 ~ 158° F)
ƒ
Storage Temperature
-20 ~ 80° C (-4 ~ 176° F)
ƒ
Operating Humidity
20 ~ 95% RH (non-condensing)
ƒ
Storage Humidity
0 ~ 95% RH (non-condensing)
0 ~ 95% RH (non-condensing)
NEW
NEW


유사한 부품 번호 - ADAM-6150

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
ADAM-6150 ADVANTECH-ADAM-6150 Datasheet
277Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
2-Feb-2021
ADAM-6150 ADVANTECH-ADAM-6150 Datasheet
326Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
19-Mar-2014
ADAM-6150EI ADVANTECH-ADAM-6150EI Datasheet
248Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-6150EI ADVANTECH-ADAM-6150EI Datasheet
326Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
19-Mar-2014
ADAM-6150PN ADVANTECH-ADAM-6150PN Datasheet
326Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
19-Mar-2014
More results

유사한 설명 - ADAM-6150

제조업체부품명데이터시트상세설명
logo
Advantech Co., Ltd.
ADAM-4050 ADVANTECH-ADAM-4050 Datasheet
705Kb / 1P
15-ch Digital I/O Module
ADAM-6050 ADVANTECH-ADAM-6050 Datasheet
702Kb / 1P
18-ch Isolated Digital I/O Module
ADAM-6117 ADVANTECH-ADAM-6117 Datasheet
339Kb / 1P
8-ch Isolated Analog Input Real-time Ethernet Module
ADAM-6151 ADVANTECH-ADAM-6151 Datasheet
365Kb / 1P
16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
ADAM-6156 ADVANTECH-ADAM-6156 Datasheet
365Kb / 1P
16-ch Isolated Digital Input/ Digital Output Real-time Ethernet Module
ADAM-4050 ADVANTECH-ADAM-4050_15 Datasheet
249Kb / 1P
15-ch Digital I/O Module
ADAM-6117 ADVANTECH-ADAM-6117_14 Datasheet
252Kb / 1P
8-ch Isolated Analog Input Real-time Ethernet Module
ADAM-6250 ADVANTECH-ADAM-6250_14 Datasheet
1Mb / 2P
15-ch Isolated Digital I/O Modbus TCP Module
ADAM-6150 ADVANTECH-ADAM-6150_15 Datasheet
248Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
ADAM-6150 ADVANTECH-ADAM-6150_V01 Datasheet
277Kb / 1P
15-ch Isolated Digital I/O Real-time Ethernet Module
2-Feb-2021
More results


Html Pages

1