전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8726 데이터시트(PDF) 13 Page - Wolfson Microelectronics plc

부품명 WM8726
상세설명  24-bit 192kHz Stereo DAC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8726 데이터시트(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8726_12 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8726_12 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8726_12 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8726_12 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8726_12 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8726_12 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8726_12 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8726_12 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8726_12 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
WM8726
Production Data
w
PD, Rev 4.8, January 2012
13
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCKIN
1 BCKIN
Figure 6 I
2S Mode Timing Diagram
RIGHT JUSTIFIED MODE
The WM8726 supports word lengths of 16-bits in right justified mode.
In right justified mode, the digital audio interface receives data on the DIN input. Audio Data is time
multiplexed with LRCIN indicating whether the left or right channel is present. LRCIN is also used
as a timing reference to indicate the beginning or end of the data words.
In right justified mode, the minimum number of BCKINs per LRCIN period is 2 times the selected
word length. LRCIN must be high for a minimum of word length BCKINs and low for a minimum of
word length BCKINs. Any mark to space ratio on LRCIN is acceptable provided the above
requirements are met.
In right justified mode, the LSB is sampled on the rising edge of BCKIN preceding a LRCIN
transition. LRCIN is high during the left samples and low during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN
1/fs
16
3
2
1
14
15
LSB
MSB
16
3
2
1
14
15
LSB
MSB
Figure 7 Right Justified Mode Timing Diagram
DSP MODE
A DSP compatible, time division multiplexed format is also supported by the WM8726. This format
is of the type where a ‘synch’ pulse is followed by two data words (left and right) of predetermined
word length. (16-bits). The ‘synch’ pulse replaces the normal duration LRCIN, and DSP mode is
auto-detected by the shorter than normal duration of the LRCIN. If LRCIN is of 4 BCKIN or less
duration, the DSP compatible format is selected. Mode A and Mode B clock formats are
supported, selected by the state of the FORMAT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23