전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC2387 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 LPC2387
상세설명  NXP Microcontrollers Selection Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2387 데이터시트(HTML) 5 Page - NXP Semiconductors

  LPC2387 Datasheet HTML 1Page - NXP Semiconductors LPC2387 Datasheet HTML 2Page - NXP Semiconductors LPC2387 Datasheet HTML 3Page - NXP Semiconductors LPC2387 Datasheet HTML 4Page - NXP Semiconductors LPC2387 Datasheet HTML 5Page - NXP Semiconductors LPC2387 Datasheet HTML 6Page - NXP Semiconductors LPC2387 Datasheet HTML 7Page - NXP Semiconductors LPC2387 Datasheet HTML 8Page - NXP Semiconductors LPC2387 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LPC ConnectPlus
NXP’s LPC ConnectPlus microcontrollers offer a broad range of interfaces and the bandwidth for running these multiple communication protocols simultaneously. Connect to USB plus CAN plus
Ethernet plus LCD and more. LPC ConnectPlus products are offered in a wide range of packages, memories and peripherals and feature pin-compatibility between cores. This category includes
Cortex-M3, Cortex-M4 and ARM7 based microcontrollers.
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC17xx devices
LPC1788
512
96
4
5
6
1
1
5
3
2
3
1
8/12 b
1
1
1
109-165
8-32
1
120
3.3
F
LQFP208, TFBGA208,
TFBGA180, LQFP144
USB host/OTG/device, QEI, 8/16/32-bit External Memory Controller (depends on package)
LPC1787
5125
96
4
5
6
1
5
3
2
3
1
8/12 b
1
1
1
165
32
1
120
3.3
F
LQFP208
USB host/OTG/device, QEI
LPC1786
256
80
4
5
6
1
1
5
3
2
3
1
8/12 b
1
1
1
165
32
1
120
3.3
F
LQFP208
USB host/OTG/device, QEI
LPC1785
256
80
4
5
6
1
5
3
2
3
1
8/12 b
1
1
1
165
32
1
120
3.3
F
LQFP208
USB Host/OTG/device
LPC1778
512
96
4
5
6
1
1
5
3
2
3
1
8/12 b
1
1
109-165
8-32
1
120
3.3
F
LQFP208, TFBGA208,
TFBGA180, LQFP144
USB host/OTG/device, QEI, 8/16/32-bit External Memory Controller (depends on package)
LPC1777
512
96
4
5
6
1
5
3
2
3
1
8/12 b
1
1
165
32
1
120
3.3
F
LQFP208
USB host/OTG/device, QEI
LPC1776
256
80
4
5
6
1
1
5
3
2
3
1
8/12 b
1
1
141-165
16-32
1
120
3.3
F
LQFP208, TFBGA180
USB host/OTG/device, QEI
LPC1774
128
40
2
5
6
1
4
3
2
3
1
8/12 b
1
109-165
8-32
1
120
3.3
F
LQFP208, LQFP144
USB Device Only, 8/32-bit External Memory Controler (depends on package)
LPC1773
128
40
2
5
6
1
4
3
2
1
3
1
8/12 b
1
109-165
1
120
3.3
F
LQFP144
USB Device Only
LPC1769
512
64
6
6
1
1
4
3
2
2
1
8/12 b
1
70
1
120
3.3
F
LQFP100
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC1768
512
64
6
6
1
1
4
3
2
2
1
8/12 b
1
70
1
100
3.3
F
LQFP100, TFBGA100
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC1767
512
64
6
6
1
4
3
2
1
8/12 b
1
70
1
100
3.3
F
LQFP100
QEI, Motor Control PWM
LPC1766
256
64
6
6
1
1
4
3
2
2
1
8/12 b
1
70
1
100
3.3
F
LQFP100
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC1765
256
64
6
6
1
4
3
2
2
1
8/12 b
1
70
1
100
3.3
F
LQFP100, TFBGA100
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC17xx devices
LPC1764
128
32
6
6
1
1
4
3
2
2
8/12 b
70
1
100
3.3
F
LQFP100
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC1763
256
64
6
6
4
3
2
1
8/12 b
1
70
1
100
3.3
F
LQFP100
QEI, Motor Control PWM
LPC1759
512
64
6
6
1
4
3
2
2
1
6/12 b
1
52
1
120
3.3
F
LQFP80
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC1758
512
64
6
6
1
1
4
3
2
2
1
6/12 b
1
52
1
100
3.3
F
LQFP80
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC1756
256
32
6
6
1
4
3
2
2
1
6/12 b
1
52
1
100
3.3
F
LQFP80
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC1754
128
32
6
6
1
4
3
1
2
6/12 b
1
52
1
100
3.3
F
LQFP80
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC1752
64
16
6
6
1
4
3
1
2
6/12 b
52
1
100
3.3
F
LQFP80
FS USB Host/OTG/Device, QEI, Motor Control PWM
LPC1751
32
8
6
6
1
4
3
1
2
6/12 b
52
1
100
3.3
F
LQFP80
FS USB Host/OTG/Device, QEI, Motor Control PWM
* SCT peripheral can be configured as additional timers and/or PWM channels. ** SGPIO peripheral can be configured as additional I2S, I2C, UART and/or SSP channels.
Temp. range options
F= -40 to +85 C
J= -40 to +105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12