| 전자부품 데이터시트 검색엔진 |
|
WM8768GEDS/V 데이터시트(PDF) 8 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8768GEDS/V 데이터시트(HTML) 8 Page - Wolfson Microelectronics plc |
|
8 / 38 page ![]() WM8768 Production Data w PD Rev 4.3 July 2010 8 MASTER CLOCK TIMING MCLK t MCLKL t MCLKH t MCLKY Figure 1 DAC Master Clock Timing Requirements Test Conditions AVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, DGND = 0V, TA = +25 oC, fs = 48kHz, MCLK = 256fs unless otherwise stated. PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT System Clock Timing Information MCLK System clock pulse width high tMCLKH 11 ns MCLK System clock pulse width low tMCLKL 11 ns MCLK System clock cycle time tMCLKY 28 1000 ns MCLK Duty cycle 40:60 60:40 Power-saving mode activated After MCLK stopped 2 10 Us Normal mode resumed After MCLK re-started 0.5 1 MCLK cycle Table 1 Master Clock Timing Requirements Note: If MCLK period is longer than maximum specified above, power-saving mode is entered and DACs are powered down with internal digital audio filters being reset. In this power-saving mode, all registers will retain their values and can be accessed in the normal manner through the control interface. Once MCLK is restored, the DACs are automatically powered up, but a write to the volume update register bit is required to restore the correct volume settings. DIGITAL AUDIO INTERFACE – MASTER MODE BCLK DIN1/2/3/4 LRCLK WM8768 DAC DSP/ DECODER 4 Figure 2 Audio Interface - Master Mode |