전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LPC1850 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 LPC1850
상세설명  NXP Microcontrollers Selection Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1850 데이터시트(HTML) 3 Page - NXP Semiconductors

  LPC1850 Datasheet HTML 1Page - NXP Semiconductors LPC1850 Datasheet HTML 2Page - NXP Semiconductors LPC1850 Datasheet HTML 3Page - NXP Semiconductors LPC1850 Datasheet HTML 4Page - NXP Semiconductors LPC1850 Datasheet HTML 5Page - NXP Semiconductors LPC1850 Datasheet HTML 6Page - NXP Semiconductors LPC1850 Datasheet HTML 7Page - NXP Semiconductors LPC1850 Datasheet HTML 8Page - NXP Semiconductors LPC1850 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LPC Connect
NXP’s LPC Connect microcontrollers add point-to-point connectivity to LPC Go products. Adding a USB or CAN interface to your system has never been easier. LPC Connect products combine
these plug-and-play interfaces with software integrated drivers in on-chip ROM. Get to market faster with these easy-to-use connected microcontrollers. This category includes Cortex-M0,
Cortex-M3 and ARM7 based microcontrollers.
Type
Memory
Timers
Serial Interfaces
Analog
Package
Comment/Special features
LPC11U10 devices
LPC11U14
32
6
5
11**
1
1
1
2
8/10 b
26/40
50
3.3
F
HVQFN33, LQFP48, TFBGA48
32K Flash version of LPC11U12
LPC11U13
24
6
5
11**
1
1
1
2
8/10 b
40
50
3.3
F
LQFP48
24K Flash version of LPC11U12
LPC11U12
16
6
5
11**
1
1
1
2
8/10 b
26/40
50
3.3
F
LQFP48, HVQFN33
Low cost, low-power Cortex-M0 device with USB, on-chip power profiles
LPC11U20 devices
LPC11U24
32
10
4
5
11**
1
1
2
8/10 b
26/40/54
50
3.3
F
LQFP64, LQFP48, HVQFN33
ROM Drivers- USB drivers (HID, MSC, CDC), Power Profiles, 32-b Divide Libraries
LPC11U24
32
8
2
5
11**
1
1
2
8/10 b
26/40
50
3.3
F
HVQFN33 (5x5), TFBGA48, LQFP48
ROM Drivers- USB drivers (HID, MSC, CDC), Power Profiles, 32-b Divide Libraries
LPC11U23
24
8
1
5
11**
1
1
2
8/10 b
40
50
3.3
F
LQFP48
ROM Drivers- USB drivers (HID, MSC, CDC), Power Profiles, 32-b Divide Libraries
LPC11U30 devices
LPC11U37
128
10/12
4
5
11**
1
1
1
2
8/10 b
40/54
50
3.3
F
LQFP48/64
On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector
LPC11U36
96
10/12
4
5
11**
1
1
1
2
8/10 b
40/54
50
3.3
F
LQFP48/64
On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector
LPC11U35
64
10/12
4
5
11**
1
1
1
2
8/10 b
40/54
50
3.3
F
HVQFN33, LQFP48/64, TFBGA48
On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector, both 7mm x 7mm and 5mm x 5mm HVQFN33 available
LPC11U34 40/48 8/10
4
5
11**
1
1
1
2
8/10 b
26/40
50
3.3
F
HVQFN33, LQFP48
On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector
LPC11C00 devices
LPC11C24
32
8
5
11**
1
1
1
2
8/10 b
36
50
3.3
F
LQFP48
32K Flash version of LPC11C22
LPC11C22
16
8
5
11**
1
1
1
2
8/10 b
36
50
3.3
F
LQFP48
Cortex-M0 MCU with on-chip CAN drivers and integrated CAN tranceiver
LPC11C14
32
8
5
11**
1
1
1
2
8/10 b
42
50
3.3
F
LQFP48
32K Flash version of LPC11C12
LPC11C12
16
8
5
11**
1
1
1
2
8/10 b
42
50
3.3
F
LQFP48
Cortex-M0 MCU with on-chip CAN drivers
LPC11Axx devices
LPC11A14
32
8
4
5
11**
1
1
2
10-b/8
1
28/42
50
3.3
F
HVQFN33, LQFP48
Comparator, VREF, UVLO protection
LPC11A13
24
6
2
5
11**
1
1
2
10-b/8
1
28
50
3.3
F
HVQFN33
Comparator, VREF, UVLO protection
LPC11A12
16
4
1
5
11**
1
1
2
10-b/8
1
28/42
50
3.3
F
HVQFN33, LQFP48
Comparator, VREF, UVLO protection
LPC11A11
8
2
512b 5
11**
1
1
2
10-b/8
1
28
50
3.3
F
HVQFN33
Comparator, VREF, UVLO protection
LPC11A04
32
8
4
5
11**
1
1
1
10-b/8
1
18
50
3.3
F
WLCSP20
Miniature package size, Comparator, VREF, UVLO protection
LPC11A02
16
4
2
5
11**
1
1
1
10-b/8
1
18
50
F
WLCSP20
Comparator, VREF, UVLO protection
LPC134x devices
LPC1347
64
12
4
5
11**
1
1
1
2
8/12 b
28-51
72
3.3
F
LQFP64, LQFP48, HVQFN33
FS USB Device, USB & EEPROM drivers and Power Profiles in ROM, USART, Smart Card Interface
LPC1346
48
10
4
5
11**
1
1
1
2
8/12 b
28-51
72
3.3
F
LQFP64, LQFP48, HVQFN33
FS USB Device, USB & EEPROM drivers and Power Profiles in ROM, USART, Smart Card Interface
LPC1345
32
10
4
5
11**
1
1
1
2
8/12 b
28-51
72
3.3
F
LQFP64, LQFP48, HVQFN33
FS USB Device, USB & EEPROM drivers and Power Profiles in ROM, USART, Smart Card Interface
LPC1343
32
8
5
11**
1
1
1
1
8/10 b
28-42
72
3.3
F
LQFP48, HVQFN33
Low-cost, low-power Cortex-M3 device with FS USB device interface and pre-loaded USB drivers
LPC1342
16
4
5
11**
1
1
1
1
8/10 b
28
72
3.3
F
HVQFN33
16K Flash / 4K RAM version of LPC1343
LPC213x devices
LPC2138/01
512
32
5
6
2
2
2
2x8
1
47
•
60
3.3
F
LQFP64, HVQFN64
Dual 8-ch. 10-bit ADC, BOD, POR, 32-kHz XTAL input, VBAT, fast I/O
LPC2136/01
256
32
5
6
2
2
2
2x8
1
47
•
60
3.3
F
LQFP64
256K Flash version of LPC2138/01
LPC2134/01
128
16
5
6
2
2
2
2x8
1
47
•
60
3.3
F
LQFP64
128K Flash, 16K RAM version of LPC2138/01
LPC2132/01
64
16
5
6
2
2
2
8
1
47
•
60
3.3
F
LQFP64, HVQFN64
64K Flash, 16K RAM version of LPC2138/01, single ADC
LPC2131/01
32
8
5
6
2
2
2
8
47
•
60
3.3
F
LQFP64
32K Flash, 8K RAM version of LPC2138/01, single ADC, no DAC
* SCT peripheral can be configured as additional timers and/or PWM channels.
** Using timers.
Temp. range options
F= -40 to +85 C
J= -40 to +105 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12