| 전자부품 데이터시트 검색엔진 |
|
LPC2923 데이터시트(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2923 데이터시트(HTML) 3 Page - NXP Semiconductors |
|
3 / 12 page ![]() LPC Connect NXP’s LPC Connect microcontrollers add point-to-point connectivity to LPC Go products. Adding a USB or CAN interface to your system has never been easier. LPC Connect products combine these plug-and-play interfaces with software integrated drivers in on-chip ROM. Get to market faster with these easy-to-use connected microcontrollers. This category includes Cortex-M0, Cortex-M3 and ARM7 based microcontrollers. Type Memory Timers Serial Interfaces Analog Package Comment/Special features LPC11U10 devices LPC11U14 32 6 5 11** 1 1 1 2 8/10 b 26/40 50 3.3 F HVQFN33, LQFP48, TFBGA48 32K Flash version of LPC11U12 LPC11U13 24 6 5 11** 1 1 1 2 8/10 b 40 50 3.3 F LQFP48 24K Flash version of LPC11U12 LPC11U12 16 6 5 11** 1 1 1 2 8/10 b 26/40 50 3.3 F LQFP48, HVQFN33 Low cost, low-power Cortex-M0 device with USB, on-chip power profiles LPC11U20 devices LPC11U24 32 10 4 5 11** 1 1 2 8/10 b 26/40/54 50 3.3 F LQFP64, LQFP48, HVQFN33 ROM Drivers- USB drivers (HID, MSC, CDC), Power Profiles, 32-b Divide Libraries LPC11U24 32 8 2 5 11** 1 1 2 8/10 b 26/40 50 3.3 F HVQFN33 (5x5), TFBGA48, LQFP48 ROM Drivers- USB drivers (HID, MSC, CDC), Power Profiles, 32-b Divide Libraries LPC11U23 24 8 1 5 11** 1 1 2 8/10 b 40 50 3.3 F LQFP48 ROM Drivers- USB drivers (HID, MSC, CDC), Power Profiles, 32-b Divide Libraries LPC11U30 devices LPC11U37 128 10/12 4 5 11** 1 1 1 2 8/10 b 40/54 50 3.3 F LQFP48/64 On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector LPC11U36 96 10/12 4 5 11** 1 1 1 2 8/10 b 40/54 50 3.3 F LQFP48/64 On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector LPC11U35 64 10/12 4 5 11** 1 1 1 2 8/10 b 40/54 50 3.3 F HVQFN33, LQFP48/64, TFBGA48 On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector, both 7mm x 7mm and 5mm x 5mm HVQFN33 available LPC11U34 40/48 8/10 4 5 11** 1 1 1 2 8/10 b 26/40 50 3.3 F HVQFN33, LQFP48 On-chip power profile, I/O 5V tolerant, 256 Byte Flash sector LPC11C00 devices LPC11C24 32 8 5 11** 1 1 1 2 8/10 b 36 50 3.3 F LQFP48 32K Flash version of LPC11C22 LPC11C22 16 8 5 11** 1 1 1 2 8/10 b 36 50 3.3 F LQFP48 Cortex-M0 MCU with on-chip CAN drivers and integrated CAN tranceiver LPC11C14 32 8 5 11** 1 1 1 2 8/10 b 42 50 3.3 F LQFP48 32K Flash version of LPC11C12 LPC11C12 16 8 5 11** 1 1 1 2 8/10 b 42 50 3.3 F LQFP48 Cortex-M0 MCU with on-chip CAN drivers LPC11Axx devices LPC11A14 32 8 4 5 11** 1 1 2 10-b/8 1 28/42 50 3.3 F HVQFN33, LQFP48 Comparator, VREF, UVLO protection LPC11A13 24 6 2 5 11** 1 1 2 10-b/8 1 28 50 3.3 F HVQFN33 Comparator, VREF, UVLO protection LPC11A12 16 4 1 5 11** 1 1 2 10-b/8 1 28/42 50 3.3 F HVQFN33, LQFP48 Comparator, VREF, UVLO protection LPC11A11 8 2 512b 5 11** 1 1 2 10-b/8 1 28 50 3.3 F HVQFN33 Comparator, VREF, UVLO protection LPC11A04 32 8 4 5 11** 1 1 1 10-b/8 1 18 50 3.3 F WLCSP20 Miniature package size, Comparator, VREF, UVLO protection LPC11A02 16 4 2 5 11** 1 1 1 10-b/8 1 18 50 F WLCSP20 Comparator, VREF, UVLO protection LPC134x devices LPC1347 64 12 4 5 11** 1 1 1 2 8/12 b 28-51 72 3.3 F LQFP64, LQFP48, HVQFN33 FS USB Device, USB & EEPROM drivers and Power Profiles in ROM, USART, Smart Card Interface LPC1346 48 10 4 5 11** 1 1 1 2 8/12 b 28-51 72 3.3 F LQFP64, LQFP48, HVQFN33 FS USB Device, USB & EEPROM drivers and Power Profiles in ROM, USART, Smart Card Interface LPC1345 32 10 4 5 11** 1 1 1 2 8/12 b 28-51 72 3.3 F LQFP64, LQFP48, HVQFN33 FS USB Device, USB & EEPROM drivers and Power Profiles in ROM, USART, Smart Card Interface LPC1343 32 8 5 11** 1 1 1 1 8/10 b 28-42 72 3.3 F LQFP48, HVQFN33 Low-cost, low-power Cortex-M3 device with FS USB device interface and pre-loaded USB drivers LPC1342 16 4 5 11** 1 1 1 1 8/10 b 28 72 3.3 F HVQFN33 16K Flash / 4K RAM version of LPC1343 LPC213x devices LPC2138/01 512 32 5 6 2 2 2 2x8 1 47 • 60 3.3 F LQFP64, HVQFN64 Dual 8-ch. 10-bit ADC, BOD, POR, 32-kHz XTAL input, VBAT, fast I/O LPC2136/01 256 32 5 6 2 2 2 2x8 1 47 • 60 3.3 F LQFP64 256K Flash version of LPC2138/01 LPC2134/01 128 16 5 6 2 2 2 2x8 1 47 • 60 3.3 F LQFP64 128K Flash, 16K RAM version of LPC2138/01 LPC2132/01 64 16 5 6 2 2 2 8 1 47 • 60 3.3 F LQFP64, HVQFN64 64K Flash, 16K RAM version of LPC2138/01, single ADC LPC2131/01 32 8 5 6 2 2 2 8 47 • 60 3.3 F LQFP64 32K Flash, 8K RAM version of LPC2138/01, single ADC, no DAC * SCT peripheral can be configured as additional timers and/or PWM channels. ** Using timers. Temp. range options F= -40 to +85 C J= -40 to +105 C |