| 전자부품 데이터시트 검색엔진 |
|
WM8310 데이터시트(PDF) 8 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8310 데이터시트(HTML) 8 Page - Wolfson Microelectronics plc |
|
8 / 291 page ![]() WM8310 Pre-Production w PP, May 2012, Rev 3.1 8 1 PIN CONFIGURATION 12 34 56 78 9 10 11 12 13 A BATTFETEN A_N PVDD1 DC3FB DC3VDD DC3LX DC3GND DC2VDD DC2LX DC2GND DC1GND DC1LX DC1VDD DC1FB A B GND GND GND DC3VDD DC3LX DC3GND DC2VDD DC2LX DC2GND DC1GND DC1LX DC1VDD GND B C LDO6VDD LDO6VOUT GND GND DC3GND DC2FB GND GND GND GND GND GND IRQ_N C D LDO5VDD LDO5VOUT GND PROGVDD SDOUT1 GND SDA1 SCLK1 DBVDD1 CS_N RESET_N GND GPIO2 D E LDO4VDD LDO4VOUT GND GND GPIO1 GPIO3 GPIO7 GPIO8 DBVDD1 LDO13VOU T DC4FB GND GPIO9 E F LDO10VDD LDO10VOU T LDO9VOUT GND GND GND GPIO5 GPIO6 GPIO4 GND GND GND DC4VDD F G LDO8VDD LDO9VDD LDO8VOUT GND AUXADCIN4 GND GND GND GND GPIO12 GPIO11 DC4LX DC4GND G H LDO7VDD LDO7VOUT DNC NTCBIAS NTCMON VREFC GND SDA2 DNC DNC DNC GPIO10 DBGND H J LDO3VDD LDO3VOUT CIFMODE WALLVDD SYSVDD SYSVDD USBVMON IREFR AUXADCIN1 GND LED1 DBVDD3 DNC J K LDO2VDD LDO2VOUT DBGND WALLFETE NA_N SYSVDD SYSVDD USBVDD BATTVMON GND GND LED2 DNC LDO11VOU T K L LDO1VDD LDO1VOUT DBGND CLKOUT USBVDD BATTVDD SYSVDD GND GND XTI ISINKGND ISINK2 REFGND L M GND DNC DNC DBGND USBVDD GND GND GND SCLK2 XTO ISINKGND ISINK1 AUXADCIN2 M N DNC DNC DBVDD2 CLKIN SYSVMON SYSVDD BATTVDD USBVDD PVDD2 LDO12VOU T ON_N XOSCGND AUXADCIN3 N 7x7 BGA - TOP VIEW (WM8310) 2 ORDERING INFORMATION ORDER CODE OTP TEMPERATURE RANGE (TA) PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8310CGEB/V Unprogrammed -40 C to +85C 169-ball (7 x 7mm) (Pb-free) MSL3 260 C WM8310CGEB/RV Unprogrammed -40 C to +85C 169-ball (7 x 7mm) (Pb-free, tape and reel) MSL3 260 C WM8310CGEBxxx/RV* Custom -40 C to +85C 169-ball (7 x 7mm) (Pb-free, tape and reel) ** MSL3 260 C Note: Reel quantity = 2200 * xxx = Unique OTP part number * Custom OTP minimum order quantity 22,000 |