전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8310CGEB/V 데이터시트(PDF) 68 Page - Wolfson Microelectronics plc

부품명 WM8310CGEB/V
상세설명  Processor Power Management Subsystem
PDF  291 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WOLFSON [Wolfson Microelectronics plc]
홈페이지  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8310CGEB/V 데이터시트(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM8310CGEB/V Datasheet HTML 64Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 65Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8310CGEB/V Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 291 page
background image
WM8310
Pre-Production
w
PP, May 2012, Rev 3.1
68
15.3 TIMESLOT CONTROL AND HARDWARE ENABLE (GPIO) CONTROL
The DC-DC Converters 1-3 and LDO Regulators 1-11 may be programmed to switch on in a selected
timeslot within the ON sequence using the DCm_ON_SLOT or LDOn_ON_SLOT fields. These
register fields are defined in Section 15.12.2 and Section 15.12.4. Alternatively, these fields can be
used to assign a converter / regulator to one of the Hardware Enable Inputs. (The Hardware Enable
Inputs are alternate functions supported via GPIO - see Section 21.)
Converters / regulators which are assigned to one of the Hardware Enable Inputs are enabled or
disabled according to the logic level of the respective GPIO input in the ON or SLEEP power states.
The Hardware Enable Inputs are effective from the end of the ON sequence until the start of the OFF
sequence. Note that the GPIO Hardware Enable function is not the same as the GPIO Hardware
Control function.
Any converters / regulators which are assigned to timeslots within the ON sequence will be disabled
in the reverse sequence when an OFF sequence is scheduled. Any converters / regulators which are
not assigned to timeslots, or are assigned to Hardware Enable Inputs, will be disabled immediately at
the start of the OFF sequence.
Each of the converters / regulators may also be programmed to be disabled in a selected timeslot
within the SLEEP sequence using the DCm_SLP_SLOT or LDOn_SLP_SLOT fields. In the case of
converters / regulators which are not disabled by the SLEEP sequence, these fields determine in
which timeslot each converter or regulator enters its SLEEP configuration.
Any converters / regulators which are disabled as part of the SLEEP sequence will be enabled in the
reverse sequence when a WAKE transition is scheduled.
By default, the OFF sequence is the reverse of the ON sequence. Similarly, the WAKE sequence is
the reverse of the SLEEP sequence. If a different behaviour is required, this can be achieved by
writing to the _ON_SLOT or _SLP_SLOT registers between transitions in order to re-define the
sequences.
Any converters / regulators which are assigned to Hardware Enable Inputs will remain under control
of the Hardware Enable Inputs in the SLEEP power state. In this case, the DCm_SLP_SLOT or
LDOn_SLP_SLOT fields determine in which timeslot the converter / regulator enters its SLEEP
configuration.
The WM8310 will control the DCm_ENA or LDOn_ENA bit (see Section 15.2) for any converter /
regulator that is enabled or disabled during the power state transitions. In the case of a converter /
regulator assigned to a Hardware Enable (GPIO) input, the DCm_ENA or LDOn_ENA bit is not
controlled and the converter / regulator is not affected by this bit.
The DC-DC converters include a soft-start feature that limits in-rush current at start-up. However, in
order to further reduce supply in-rush current, it is recommended that the individual converters are
programmed to start up in different time slots within the start-up sequence, as described in
Section 11.3.
Similarly, it is recommended that the individual LDO regulators are programmed to start up in different
time slots within the start-up sequence, as described in Section 11.3.
Note that the DC-DC4 Boost Converter cannot be configured as part of the power state transitions;
this Converter must always be enabled by writing to the DC4_ENA bit.
The External Power Enable (EPE) outputs, EPE1 and EPE2, may also be assigned to timeslots in the
ON / SLEEP sequences or assigned to Hardware Enable inputs using the EPEn_ON_SLOT and
EPEn_SLP_SLOT fields described in 15.12.5.
Note that a transition from the SLEEP state to the OFF state is not a controlled transition. If an ‘OFF’
event occurs whilst in the SLEEP state, then the WM8310 will select the OFF state, but all the
enabled converters and regulators will be disabled immediately; the time-controlled sequence is not
implemented in this case. See Section 11.3 for details of the WM8310 ‘OFF’ events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More