| 전자부품 데이터시트 검색엔진 |
|
WM8326 데이터시트(PDF) 15 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8326 데이터시트(HTML) 15 Page - Wolfson Microelectronics plc |
|
15 / 255 page ![]() Production Data WM8326 w PD, June 2012, Rev 4.0 15 6 RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL MIN TYP MAX UNITS System power source PVDD1, PVDD2, PVDD3 2.7 5.5 V Digital buffer supply DBVDD1, DBVDD2 1.71 3.6 V OTP Programming Supply (see note) PROGVDD 6.25 6.5 6.75 V LDO12VOUT 3.3 V Ground Exposed Ground Paddle (EGP), DC1GND, DC2GND, DC3GND, DC4GND, XOSCGND 0 V Note: The OTP Programming Supply PROGVDD should only be present when programming the OTP. At other times, this pin should be left unconnected. The LDO12VOUT must be overdriven by an external supply when programming the OTP. At other times, the voltage at this pin is driven by the internal circuits of the WM8326. |