전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HDO4K-RSSD-02 데이터시트(PDF) 7 Page - Teledyne Technologies Incorporated

부품명 HDO4K-RSSD-02
상세설명  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

HDO4K-RSSD-02 데이터시트(HTML) 7 Page - Teledyne Technologies Incorporated

Back Button HDO4K-RSSD-02 Datasheet HTML 3Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 4Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 5Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 6Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 7Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 8Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 9Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 10Page - Teledyne Technologies Incorporated HDO4K-RSSD-02 Datasheet HTML 11Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
5. Waveform Control Knobs – Control channel,
zoom, math and memory traces with the
multiplexed vertical and horizontal knobs
6. Dedicated Cursor Knob – Select type of cursor,
position them on your signal, and read values
without ever opening a menu
7. Dedicated buttons to quickly access popular
debug tools.
8. Easy connectivity with two convenient USB
ports on the front, two on the side
9. Rotating and Tilting Feet provide 4 different
viewing positions
10. Auxiliary Output and Reference Clock
Input/Output connectors for connecting to
other equipment
11. USBTMC (Test and Measurement Class) port
simplifies programming
Document and Share:
• Quickly save all files with LabNotebook
• Create custom reports with LabNotebook
• Save to internal solid state or network drive
• Print to a USB printer
• Save to USB memory stick
• Connect with LAN or GPIB
• View data on a PC with free WaveStudio utility
5
4
6
7
3
8
10
9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16