전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2-GPIB 데이터시트(PDF) 4 Page - Teledyne Technologies Incorporated

부품명 USB2-GPIB
상세설명  High Definition Oscilloscopes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

USB2-GPIB 데이터시트(HTML) 4 Page - Teledyne Technologies Incorporated

  USB2-GPIB Datasheet HTML 1Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 2Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 3Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 4Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 5Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 6Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 7Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 8Page - Teledyne Technologies Incorporated USB2-GPIB Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
TOUCH SCReeN SIMPLICITy
Don’t waste time searching through a complex menu
structure to find the proper setting. Configuring the
HDO4000 is simple thanks to the intuitive touch screen
user interface. Everything on the screen is interactive. To
adjust channel, timebase, or trigger settings, simply touch
the associated descriptor box and the appropriate menu is
opened. Measurements can be touched to adjust their
settings and cursors can be positioned precisely by touch-
ing and dragging them to the proper location. A box can be
drawn around a portion of a waveform to create a zoom of
that waveform. Even waveform offset and delay can be
adjusted simply by touching and dragging the waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16