전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9915-PCBZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD9915-PCBZ
상세설명  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9915-PCBZ 데이터시트(HTML) 3 Page - Analog Devices

  AD9915-PCBZ Datasheet HTML 1Page - Analog Devices AD9915-PCBZ Datasheet HTML 2Page - Analog Devices AD9915-PCBZ Datasheet HTML 3Page - Analog Devices AD9915-PCBZ Datasheet HTML 4Page - Analog Devices AD9915-PCBZ Datasheet HTML 5Page - Analog Devices AD9915-PCBZ Datasheet HTML 6Page - Analog Devices AD9915-PCBZ Datasheet HTML 7Page - Analog Devices AD9915-PCBZ Datasheet HTML 8Page - Analog Devices AD9915-PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 3 of 48
GENERAL DESCRIPTION
The AD9915 is a direct digital synthesizer (DDS) featuring a
12-bit DAC. The AD9915 uses advanced DDS technology,
coupled with an internal high speed, high performance DAC
to form a digitally programmable, complete high frequency
synthesizer capable of generating a frequency-agile analog
output sinusoidal waveform at up to 1.0 GHz. The AD9915
enables fast frequency hopping and fine tuning resolution
(64-bit capable using programmable modulus mode). The
AD9915 also offers fast phase and amplitude hopping capability.
The frequency tuning and control words are loaded into the
AD9915 via a serial or parallel I/O port. The AD9915 also
supports a user defined linear sweep mode of operation for
generating linear swept waveforms of frequency, phase, or
amplitude. A high speed, 32-bit parallel data input port is
included, enabling high data rates for polar modulation
schemes and fast reprogramming of the phase, frequency, and
amplitude tuning words.
The AD9915 is specified to operate over the extended industrial
temperature range (see the Absolute Maximum Ratings
section).
Figure 2. Detailed Block Diagram
32
F0 TO F3
D0 TO D31
PS[2:0]
I/O_UPDATE
POWER-
DOWN
CONTROL
DAC_RSET
AOUT
AOUT
OSK
DROVER
DRCTL
DRHOLD
SYNC_CLK
A
θ
CLOCK
AMPLITUDE (A)
FREQUENCY
(ω)
PHASE (θ)
DIGITAL
RAMP
GENERATOR
2
4
MULTICHIP
SYNCHRONIZATION
SYSCLK
PLL
REF_CLK
REF_CLK
AD9915
OUTPUT
SHIFT
KEYING
DATA
ROUTE
AND
PARTITION
CONTROL
3
INTERNAL CLOCK TIMING
AND CONTROL
ω
Acos (ωt + θ)
Asin (ωt + θ)
DAC
12-BIT
DDS
INTERNAL
PROGRAMMING
REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com