| 전자부품 데이터시트 검색엔진 |
|
STM32F205RB 데이터시트(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RB 데이터시트(HTML) 46 Page - STMicroelectronics |
|
46 / 177 page ![]() Pinouts and pin description STM32F20xxx 46/177 Doc ID 15818 Rev 9 -- - 95 114 H13 VDD_9 SVDD_9 37 G2 63 96 115 H15 PC6 I/O FT PC6 I2S2_MCK / TIM8_CH1/SDIO_D6 / USART6_TX / DCMI_D0/TIM3_CH1/ EVENTOUT 38 F2 64 97 116 G15 PC7 I/O FT PC7 I2S3_MCK / TIM8_CH2/SDIO_D7 / USART6_RX / DCMI_D1/TIM3_CH2/ EVENTOUT 39 F3 65 98 117 G14 PC8 I/O FT PC8 TIM8_CH3/SDIO_D0 /TIM3_CH3/ USART6_CK / DCMI_D2/ EVENTOUT 40 D1 66 99 118 F14 PC9 I/O FT PC9 I2S2_CKIN/ I2S3_CKIN/ MCO2 / TIM8_CH4/SDIO_D1 / /I2C3_SDA / DCMI_D3 / TIM3_CH4/ EVENTOUT 41 E2 67 100 119 F15 PA8 I/O FT PA8 MCO1 / USART1_CK/ TIM1_CH1/ I2C3_SCL/ OTG_FS_SOF/ EVENTOUT 42 E3 68 101 120 E15 PA9 I/O FT PA9 USART1_TX/ TIM1_CH2 / I2C3_SMBA / DCMI_D0/ EVENTOUT OTG_FS_ VBUS 43 D3 69 102 121 D15 PA10 I/O FT PA10 USART1_RX/ TIM1_CH3/ OTG_FS_ID/DCMI_D1/ EVENTOUT 44 D2 70 103 122 C15 PA11 I/O FT PA11 USART1_CTS / CAN1_RX / TIM1_CH4 / OTG_FS_DM/ EVENTOUT 45 C1 71 104 123 B15 PA12 I/O FT PA12 USART1_RTS / CAN1_TX/ TIM1_ETR/ OTG_FS_DP/ EVENTOUT 46 B2 72 105 124 A15 PA13 I/O FT JTMS- SWDIO JTMS-SWDIO/ EVENTOUT 47 C2 73 106 125 F13 VCAP_2 SVCAP_2 - B1 74 107 126 F12 VSS_2 SVSS_2 48 A8 75 108 127 G13 VDD_2 SVDD_2 Table 6. STM32F20x pin and ball definitions (continued) Pins Pin name Main function(3) (after reset) Alternate functions Other functions |