전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DCM37SL 데이터시트(PDF) 18 Page - ITT Industries

부품명 DCM37SL
상세설명  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

DCM37SL 데이터시트(HTML) 18 Page - ITT Industries

Back Button DCM37SL Datasheet HTML 14Page - ITT Industries DCM37SL Datasheet HTML 15Page - ITT Industries DCM37SL Datasheet HTML 16Page - ITT Industries DCM37SL Datasheet HTML 17Page - ITT Industries DCM37SL Datasheet HTML 18Page - ITT Industries DCM37SL Datasheet HTML 19Page - ITT Industries DCM37SL Datasheet HTML 20Page - ITT Industries DCM37SL Datasheet HTML 21Page - ITT Industries DCM37SL Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
17
D Subminiature
D*M
90
° Solder Termination (Machined) — Standard Footprint .318 or .283 inch
Part Numbers
Shell Size
Layout
Bracket
Bracket &
Boardlock
Bracket &
Screw Lock
#4-40 UNC
Bracket,
Boardlock &
Screw Lock
#4-40 UNC
DE
9
DEMP9SJA197
DEMC9SJA197
DEMD9SJA197
DEMG9SJA197
DA
15
DAMP15SJA197
DAMC15SJA197
DAMD15SJA197
DAMG15SJA197
DB
25
DBMP25SJA197
DBMC25SJA197
DBMD25SJA197
DBMG25SJA197
DC
37
DCMP37SJA197
DCMC37SJA197
DCMD37SJA197
DCMG37SJA197
DD
50
DDMP50SJA197
DDMC50SJA197
DDMD50SJA197
DDMG50SJA197
Note: For contacts with 30 microinches gold substitute K126 for A197. Example: DAMG15SJK126
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
L
±0,25 (.010)
M
±0,25 (.010)
N
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
12,34 (.486)
8,64 (.340)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
12,34 (.486)
8,64 (.340)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
12,34 (.486)
8,64 (.340)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
0,76 (.030)
12,34 (.486)
8,64 (.340)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
0,76 (.030)
13,74 (.541)
10,06 (.396)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Receptacle
Engaging Face
Screw lock and boardlock
removed for clarity
Screw lock and boardlock
removed for clarity
BOARDLOCK
A
C
B
D
E
Ø 0,76
(.030)
10
°
2,92
(.115)
Note:
Dimension varies with alternate bracket configuration. See Reader’s Resource page 226.
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 14-15.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 272.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
6,50
± 0,25
(.256
± .010)
M
N
RIVNUT
#4-40 UNC
SCREW LOCK
#4-40 UNC
BRACKET,
METAL
5,68
(.224)
7,18
± 0,25
(.283
± .010)
4,33
± 0,38
(.170
± .015)
2,84
(.112)
L
7,18
± 0,25
(.283
± .010)
4,33
± 0,38
(.170
± .015)
2,84
(.112)
F
W
DD Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More