| 전자부품 데이터시트 검색엔진 |
|
DBM25SC 데이터시트(PDF) 33 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DBM25SC 데이터시트(HTML) 33 Page - ITT Industries |
|
33 / 301 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 32 D Subminiature D* Solder Cup Termination (Machined) with Tin Shells Part Numbers Shell Size Layout Through Hole Clinch Nut #4-40 UNC Clinch Nut M3 DE 9 DE9PK87 DEE9PK87 DEX9PK87 DA 15 DA15PK87 DAE15PK87 DAX15PK87 DB 25 DB25PK87 DBE25PK87 DBX25PK87 DC 37 DC37PK87 DCE37PK87 DCX37PK87 DD 50 DD50PK87 DDE50PK87 DDX50PK87 Note: For performance class 2, add A191. Example: DA15PA191K87. Dimensions Shell Size A ±0,38 (.015) B ±0,13 (.005) C ±0,13 (.005) D ±0,13 (.005) E ±0,38 (.015) F ±0,25 (.010) W ±0,368 (.0145) W ±0,41 (.016) L ±0,25 (.010) DE 30,81 (1.213) 16,92 (.666) 24,99 (.984) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DA 39,14 (1.541) 25,25 (.994) 33,32 (1.312) 8,36 (.329) 12,55 (.494) 10,72 (.422) 6,693 (.2635) — 0,76 (.030) DB 53,04 (2.088) 38,96 (1.534) 47,04 (1.852) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) DC 69,32 (2.729) 55,42 (2.182) 63,50 (2.500) 8,36 (.329) 12,55 (.494) 10,82 (.426) — 6,84 (.269) 0,99 (.039) DD 66,93 (2.635) 52,81 (2.079) 61,11 (2.406) 11,07 (.436) 15,37 (.605) 10,82 (.426) — 6,84 (.269) 0,99 (.039) Plug Engaging Face DD Configuration 5,69 (.224) 2,84 (.112) L 2,84 (.112) F W L Selection Guide For Product Features, Specifications, Materials and Finishes, see pages 30-31. Reader’s Resource For contact cavity arrangements, see page 224. For panel cutouts, see page 221. For hardware views (European), see page 227. 10 ° D E C B A Ø 3,05 (.120) POSITION 1 10,72 (.422) MAX |