전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2201 데이터시트(PDF) 29 Page - Texas Instruments

부품명 2201
상세설명  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

2201 데이터시트(HTML) 29 Page - Texas Instruments

Back Button 2201 Datasheet HTML 25Page - Texas Instruments 2201 Datasheet HTML 26Page - Texas Instruments 2201 Datasheet HTML 27Page - Texas Instruments 2201 Datasheet HTML 28Page - Texas Instruments 2201 Datasheet HTML 29Page - Texas Instruments 2201 Datasheet HTML 30Page - Texas Instruments 2201 Datasheet HTML 31Page - Texas Instruments 2201 Datasheet HTML 32Page - Texas Instruments 2201 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
www.ti.com
Bill of Materials
5
Bill of Materials
Table 5 shows the parts list for the Multi-Cal-System EVM board.
Table 5. Multi-Cal-System EVM Board Parts List
No.
Qty
Ref Des
Description
Vendor
Part Number
1
9
C006, C106,
Capacitor, 10000pF
KEMET
C0603C103K5RACTU
C206, C306,
50V CERAMIC X7R
C406, C506,
0603
C606, C706, C71
2
53
C6, C5, C60,
Capacitor, .10
μF 25V
KEMET
C0603C104M3VACTU
C61, C62, C840,
Ceramic,Y5V 0603
C842, C907,
C908, C909,
C910, C901,
C902, C903,
C904, C905,
C906, C911,
C912, C913,
C914, C915,
C916, C921,
C928, C929,
C938, C970,
C971, C972,
C973, C001,
C002, C101,
C102, C201,
C202, C301,
C302, C401,
C402, C501,
C502, C601,
C602, C701,
C702, C811,
C812, C813,
C814, C820, C70
3
2
C56, C57
Capacitor, Ceramic,
Murata Electronics North
GRM188R61E105KA12D
1
μF 25V X5R 0603
America
4
6
C54, C55, C50,
Capacitor, Tantalum
Nichicon
F931V475MCC
C51, C65, C72
4.7
μF 35V 20% SMD
5
4
C1, C2, C3, C4
Capacitor, Ceramic,
Vishay/Vitramon
VJ1206Y103KXGAT5Z
.01
μF 10% 1000V X7R
1206
6
1
R938
Resistor, 49.9 k
Ω
Panasonic - ECG
ERJ-3EKF4992V
1/10W 1% 0603 SMD
7
1
R8
Resistor, 1 M
Ω 1%
Stackpole Electronics Inc
HVCB 1206 T2 1M 1% I
1206 TF High Voltage
8
8
R0, R1, R2, R3,
Resistor, 499
Ω 1/10W
Panasonic - ECG
ERJ-3EKF4990V
R4, R5, R6, R7
1% 603 SMD
9
23
R006, R106,
Resistor, 100
Ω 1/10W
Stackpole Electronics Inc
RMCF 1/16 100 5% R
R206, R306,
5% 0603 SMD
R406, R506,
R606, R706,
R007, R107,
R207, R307,
R407, R507,
R607,
R707,R939,
R917, R916,
R963, R964,
R965, R966
10
8
R004, R104,
Resistor, 200
Ω 1/4W
Stackpole Electronics Inc
RMCF 1/8 200 5% R
R204, R304,
5% 1206 SMD
R404, R504,
R604, R704,
29
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com