전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT9726 데이터시트(PDF) 2 Page - Richtek Technology Corporation

부품명 RT9726
상세설명  High-Voltage Hysteresis Selectable Temperature Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9726 데이터시트(HTML) 2 Page - Richtek Technology Corporation

  RT9726 Datasheet HTML 1Page - Richtek Technology Corporation RT9726 Datasheet HTML 2Page - Richtek Technology Corporation RT9726 Datasheet HTML 3Page - Richtek Technology Corporation RT9726 Datasheet HTML 4Page - Richtek Technology Corporation RT9726 Datasheet HTML 5Page - Richtek Technology Corporation RT9726 Datasheet HTML 6Page - Richtek Technology Corporation RT9726 Datasheet HTML 7Page - Richtek Technology Corporation RT9726 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RT9726
2
DS9726-01 April 2011
www.richtek.com
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
VIN
High Voltage Power Supply Input. This pin should be bypassed with a 0.1
μF capacitor
to ground.
2
GND
Ground pin. Tie the ground pin close to temperature sensing thermistor.
3
NTC
This pin should connect a thermistor resistor to ground. The NTC pin will sense the
external thermistor cross voltage and provide typical 50%REF over-temperature
threshold for OT pin.
4
OT
Open-drain and active-low output. OT will go LOW when NTC pin is lower than typical
50%REF over-temperature threshold.
5
REF
Reference Output. This pin should connect with a resistor to NTC pin to set the over-
temperature threshold.
6
EN
Chip Enable (Active High). This pin can be used for the over-temperature threshold
hysteresis setting.
Functional Pin Description
REF
Hysteresis
Control
+
-
EN
REF
VIN
GND
NTC
OT



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com