전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD342YT-21 데이터시트(PDF) 2 Page - Sony Corporation

부품명 SLD342YT-21
상세설명  2W High Power Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD342YT-21 데이터시트(HTML) 2 Page - Sony Corporation

  SLD342YT-21 Datasheet HTML 1Page - Sony Corporation SLD342YT-21 Datasheet HTML 2Page - Sony Corporation SLD342YT-21 Datasheet HTML 3Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
– 2 –
SLD342YT
Electrical and Optical Characteristics
(Tth = Thermistor temperature, Tth = 25°C)
Handling Precautions
Eye protection against laser beams
The optical output of laser diodes ranges from
several mW to 10W. However the optical power
density of the laser beam at the diode chip
reaches 1.5MW/cm2. Unlike gas lasers, since
laser diode beams are divergent, uncollimated
laser diode beams are fairly safe at a laser
diode. For observing laser beams, ALWAYS use
safety goggles that block infrared rays. Usage of
IR scopes, IR cameras and fluorescent plates is
also recommended for monitoring laser beams
safely.
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Ith
Iop
Vop
λP
θ⊥
θ//
∆X, ∆Y
∆φ⊥
∆φ//
ηD
Imon
Rth
Threshold current
Operating current
Operating voltage
Wavelength∗
Radiation angle
Positional accuracy
Differential efficiency
Monitor current
Thermistor resistance
PO = 2.0W
PO = 2.0W
PO = 2.0W
PO = 2.0W
PO = 2.0W
PO = 2.0W
PO = 2.0W
VR = 10V
Tth = 25°C
790
10
5
0.5
0.2
0.4
2.2
2.0
23
10
1.1
0.8
10
1.0
3.5
3.0
840
35
15
±100
±3
±4
1.5
4.0
A
A
V
nm
degree
degree
µm
degree
degree
W/A
mA
k
Ω
Perpendicular
Parallel
Position
Angle
∗ Wavelength Selection Classification
Type
SLD342YT-1
SLD342YT-2
SLD342YT-3
Wavelength (nm)
795 ± 5
810 ± 10
830 ± 10
Type
SLD342YT-21
SLD342YT-24
SLD342YT-25
Wavelength (nm)
798 ± 3
807 ± 3
810 ± 3
Safety goggles for
protection from
laser beam
IR fluorescent plate
Optical
material
Lens
Laser diode
Optical board
Optical power output control device
Temperature control device



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com