| 전자부품 데이터시트 검색엔진 |
|
TIP34A 데이터시트(PDF) 1 Page - Comset Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP34A 데이터시트(HTML) 1 Page - Comset Semiconductor |
|
1 / 4 page ![]() PNP TIP34-A-B-C 02/10/2012 COMSET SEMICONDUCTORS 1 | 4 SEMICONDUCTORS SILICON POWER TRANSISTORS They are PNP power transistors mounted in jedec TO-3PN. They are intended for use in general purpose power amplifier and switching applications. NPN complements are TIP33-A-B-C Compliance to RoHS . ABSOLUTE MAXIMUM RATINGS Symbol Ratings Value Unit VCBO Collector-Base Voltage TIP34 -40 V TIP34A -60 TIP34B -80 TIP34C -100 VCEO Collector-Emitter Voltage TIP34 -40 V TIP34A -60 TIP34B -80 TIP34C -100 VEBO Emitter-Base Voltage TIP34 -5 V TIP34A TIP34B TIP34C IC Collector Current TIP34 -10 A TIP34A TIP34B TIP34C ICM Collector Peak Current TIP34 -15 A TIP34A TIP34B TIP34C |
유사한 부품 번호 - TIP34A |
|
유사한 설명 - TIP34A |