| 전자부품 데이터시트 검색엔진 |
|
ADG528ATCHIPS 데이터시트(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADG528ATCHIPS 데이터시트(HTML) 5 Page - Analog Devices |
|
5 / 12 page ![]() REV. B ADG528A/ADG529A –5– ORDERING GUIDE Temperature Package Package Model Range Description Option 1 ADG528AKN –40 °C to +85°C PDIP N-18 ADG528AKP –40 °C to +85°C PLCC P-20A ADG528AKP-REEL –40 °C to +85°C PLCC P-20A ADG528ABQ –40 °C to +85°C CERDIP Q-18 ADG528ATQ –55 °C to +125°C CERDIP Q-18 ADG528ABCHIPS DIE ADG528ATCHIPS DIE ADG529AKN –40 °C to +85°C PDIP N-18 ADG529AKP –40 °C to +85°C PLCC P-20A ADG529AKRW –40 °C to +85°C SOIC RW-18 ADG529AKRW-REEL –40 °C to +85°C SOIC RW-18 ADG529AKRW-REEL7 –40 °C to +85°C SOIC RW-18 ADG529ABQ –40 °C to +85°C CERDIP Q-18 ADG529ATQ –55 °C to +125°C CERDIP Q-18 ADG529ABCHIPS DIE ADG529ATCHIPS DIE NOTES 1N = Plastic DIP; P = Plastic Leaded Chip Carrier (PLCC); Q = Cerdip; RW = SOIC. ABSOLUTE MAXIMUM RATINGS 1 (TA = +25 °C, unless otherwise noted) VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44 V VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 V VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –25 V Analog Inputs 2 Voltage at S, D . . . . . . . . . VSS – 2 V to VDD + 2 V or 20 mA, whichever Occurs First Continuous Current, S or D . . . . . . . . . . . . . . . . . . . 20 mA Pulsed Current, S or D 1 ms duration, 10% Duty Cycle . . . . . . . . . . . . . . . 40 mA Digital Inputs 1 Voltage at A, EN, WR, RS . . . . . . V SS – 4 V to VDD + 4 V or 20 mA, whichever Occurs First Power Dissipation (Any Package) Up to +75 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 470 mW Derates above +75 °C . . . . . . . . . . . . . . . . . . . . . . . 6 mW/°C Operating Temperature Commercial (K Version) . . . . . . . . . . . . . . . –40 °C to +85°C Industrial (B Version) . . . . . . . . . . . . . . . . . –40 °C to +85°C Extended (T Version) . . . . . . . . . . . . . . . . –55 °C to +125°C Storage Temperature Range . . . . . . . . . . . . . –65 °C to +150°C Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . +300 °C NOTES 1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2Overvoltage at A, EN, WR, RS, S or D will be clamped by diodes. Current should be limited to the maximum rating above. PIN CONFIGURATIONS CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADG528A/ADG529A features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE PLCC DIP/SOIC |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |