전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAM7W2POL3NMBK52 데이터시트(PDF) 82 Page - ITT Industries

부품명 DAM7W2POL3NMBK52
상세설명  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

DAM7W2POL3NMBK52 데이터시트(HTML) 82 Page - ITT Industries

Back Button DAM7W2POL3NMBK52 Datasheet HTML 78Page - ITT Industries DAM7W2POL3NMBK52 Datasheet HTML 79Page - ITT Industries DAM7W2POL3NMBK52 Datasheet HTML 80Page - ITT Industries DAM7W2POL3NMBK52 Datasheet HTML 81Page - ITT Industries DAM7W2POL3NMBK52 Datasheet HTML 82Page - ITT Industries DAM7W2POL3NMBK52 Datasheet HTML 83Page - ITT Industries DAM7W2POL3NMBK52 Datasheet HTML 84Page - ITT Industries DAM7W2POL3NMBK52 Datasheet HTML 85Page - ITT Industries DAM7W2POL3NMBK52 Datasheet HTML 86Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
81
D Subminiature
Combo D
Crimp Cable Connectors without Contacts (Sizes DA-DD)
Receptacle
Reader’s Resource
For contact cavity arrangements,
see page 223.
For panel cutouts, see page 221.
Part Numbers
Shell Size
Layout
Part Number
DA
7W2
DAA7W2SA197F0
DA
11W1
DAA11W1SA197F0
DA
3W3
DAA3W3SA197F0
DB
5W5
DBA5W5SA197F0
DB
9W4
DBA9W4SA197F0
DB
13W3
DBA13W3SA197F0
DB
17W2
DBA17W2SA197F0
DB
21W1
DBA21W1SA197F0
DC
8W8
DCA8W8SA197F0
DC
21WA4
DCA21WA4SA197F0
DD
24W7
DDA24W7SA197F0
DD
36W4
DDA36W4SA197F0
Note: For crimp (Size 20) contacts and tooling, see pages 83 & 275.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,317 (.0125)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Engaging Face
L
K
10,92 (.430)
MAX
A
C
B
E
D
10
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More