| 전자부품 데이터시트 검색엔진 |
|
CY8C58LP 데이터시트(PDF) 7 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
CY8C58LP 데이터시트(HTML) 7 Page - Cypress Semiconductor |
|
7 / 122 page ![]() PRELIMINARY PSoC® 5LP: CY8C58LP Family Datasheet Document Number: 001-84932 Rev. ** Page 7 of 122 Figure 2-4. 100-pin TQFP Part Pinout Figure 2-5 on page 8 and Figure 2-6 on page 9 show an example schematic and an example PCB layout, for the 100-pin TQFP part, for optimal analog performance on a two-layer board. ■ The two pins labeled VDDD must be connected together. ■ The two pins labeled VCCD must be connected together, with capacitance added, as shown in Figure 2-5 and “Power System” section on page 24. The trace between the two VCCD pins should be as short as possible. ■ The two pins labeled VSSD must be connected together. For information on circuit board layout issues for mixed signals, refer to the application note, AN57821 - Mixed Signal Circuit Board Layout Considerations for PSoC® 3 and PSoC 5. TQFP (TRACEDATA[1], GPIO) P2[5] (TRACEDATA[2], GPIO) P2[6] (TRACEDATA[3], GPIO) P2[7] (I2C0: SCL, SIO) P12[4] (I2C0: SDA, SIO) P12[5] (GPIO) P6[4] (GPIO) P6[5] (GPIO) P6[6] (GPIO) P6[7] VSSB IND VBOOST VBAT VSSD XRES (GPIO) P5[0] (GPIO) P5[1] (GPIO) P5[2] (GPIO) P5[3] (TMS, SWDIO, GPIO) P1[0] (TCK, SWDCK, GPIO) P1[1] (Configurable XRES, GPIO) P1[2] (TDO, SWV, GPIO) P1[3] (TDI, GPIO) P1[4] (NTRST, GPIO) P1[5] VDDIO0 P0[3] (GPIO, OPAMP0-, EXTREF0) P0[2] (GPIO, OPAMP0+, SAR1 EXTREF) P0[1] (GPIO, OPAMP0OUT) P0[0] (GPIO, OPAMP2OUT) P4[1] (GPIO) P4[0] (GPIO) P12[3] (SIO) P12[2] (SIO) VSSD VDDA VSSA VCCA NC NC NC NC NC NC P15[3] (GPIO, KHZ XTAL: XI) P15[2] (GPIO, KHZ XTAL: XO) P12[1] (SIO, I2C1: SDA) P12[0] (SIO, I2C1: SCL) P3[7] (GPIO, OPAMP3OUT) P3[6] (GPIO, OPAMP1OUT) 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 1 2 3 4 5 6 7 8 9 Lines show VDDIO to I/O supply association Notes 6. Pins are Do Not Use (DNU) on devices without USB. The pin must be left floating. |