전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSQ976-NR-1-0-20-R18 데이터시트(PDF) 36 Page - Microchip Technology

부품명 LSQ976-NR-1-0-20-R18
상세설명  Wireless Security Remote Control Development Kit User?셲 Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LSQ976-NR-1-0-20-R18 데이터시트(HTML) 36 Page - Microchip Technology

Back Button LSQ976-NR-1-0-20-R18 Datasheet HTML 32Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 33Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 34Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 35Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 36Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 37Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 38Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 39Page - Microchip Technology LSQ976-NR-1-0-20-R18 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Wireless Security Remote Control Development Kit User’s Guide
DS41646A-page 36
 2012 Microchip Technology Inc.
TABLE A-1:
KEY FOB BOM
Qty
Designator
Value
Description
Manufacturer
Manufacturer
Part Number
1
BT1
Holder Coin Cell 20MM
SMD
Memory Protection
Devices
BK-912
1
@BT1
Battery Lithium Coin 3V
20mm
Panasonic – BSG
CR2032
2
C6, C7
0.1 µF
Capacitor, Ceramic,
16V, +/-10%, X7R, SMT
0402
Murata Electronics
North America
GRM155R71C104KA88D
1
DS1
Red
Diode, Light Emitting
OSRAM
LS Q976-NR-1-0-20-R18
1R6
470 Ω
Resistor, 5%, ±100
ppm/C, SMT 0402
Yageo
RC0402JR-07470RL
1R3
10K Ω
Resistor, 5%, ±100
ppm/C, SMT 0402
Yageo
RC0402JR-0710KL
1R4
100 Ω
Resistor, 5%, ±100
ppm/C, SMT 0402
Yageo
RC0402JR-07100RL
2
R1, R5
47 kΩ
Resistor, 5%, ±100
ppm/C, SMT 0402
Yageo
RC0402JR-0747KL
1
U1
Microcontroller with
UHF Transmitter
Microchip Technology PIC12LF1840T39A-I/SS
1
enclosure
Enclosure, Key Fob,
4-button, Clear Red
Polycase
FB-20-4*9
1
C1
1 pF
Capacitor, Ceramic,
±5%, SMT 0402
Murata Electronics
North America
GRM1555C1H1R0CA01D
1
L5
120 nH
Inductor, Ceramic, ±5%,
SMT 0402
Murata
LQG15HSR12J02D
1
C4
1000 pF
Capacitor, Ceramic,
Murata Electronics
GRM155R71H102KA01D
1
C5
1 nF
Capacitor, Ceramic,
Murata Electronics
GRM1555C1H102JA01D
1C3
0 Ω
Resistor, 5%, ±100
ppm/C, SMT 0402
Yageo
RC0402JR-070RL
1
L4
39 nH
Inductor, Ceramic, ±5%,
SMT 0402
Murata Electronics
North America
LQG15HS39NJ02D
1
L3
2.2 pF
Capacitor, Ceramic,
±5%, SMT 0402
Murata Electronics
North America
GRM1555C1H2R2CZ01D
1
C2
DNP
Do not populate
—
—
1
L2
DNP
Do not populate
—
—
1L1
0 Ω
Resistor, 5%, ±100
ppm/C, SMT 0402
Yageo
RC0402JR-070RL
1
X1
24 MHz
CRYSTAL 24.000 MHz
Abracon Corporation ABM8G-24.000MHZ-18-D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com