전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDZ55C2V0 데이터시트(PDF) 2 Page - Dc Components

부품명 CDZ55C2V0
상세설명  TECHNICAL SPECIFICATIONS OF SILICON PLANAR POWER ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DCCOM [Dc Components]
홈페이지  http://www.dccomponents.com
Logo DCCOM - Dc Components

CDZ55C2V0 데이터시트(HTML) 2 Page - Dc Components

  CDZ55C2V0 Datasheet HTML 1Page - Dc Components CDZ55C2V0 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Breakdown characteristics
CDZ55C-SERIES
mA
50
40
30
20
10
0
IZ
VZ
R
DC COMPONENTS CO., LTD.
Test Current
IZ 5mA
changes in the power dissipation
due to the ambient temperature.
500
400
300
200
100
Ta(oC)
Ambient Temperature.
5V
10V
15V
20V
25V
30V
50
100
150
200
250
RATING AND CHARACTERISTIC CURVES (CDZ55C SERIES)
CDZ55C2V0
1.90
2.10
5
85
600
1
100
1
CDZ55C2V2
2.09
2.31
5
85
600
1
75
1
CDZ55C2V4
2.28
2.56
5
85
600
1
50
1
CDZ55C2V7
2.5
2.9
5
85
600
1
10
1
CDZ55C3V0
2.8
3.2
5
85
600
1
4
1
CDZ55C3V3
3.1
3.5
5
85
600
1
2
1
CDZ55C3V6
3.4
3.8
5
85
600
1
2
1
CDZ55C3V9
3.7
4.1
5
85
600
1
2
1
CDZ55C4V3
4.0
4.6
5
75
600
1
1
1
CDZ55C4V7
4.4
5.0
5
60
600
1
0.5
1
CDZ55C5V1
4.8
5.4
5
35
550
1
0.1
1
CDZ55C5V6
5.2
6.0
5
25
450
1
0.1
1
CDZ55C6V2
5.8
6.6
5
10
200
1
0.1
2
CDZ55C6V8
6.4
7.2
5
8
150
1
0.1
3
CDZ55C7V5
7.0
7.9
5
7
50
1
0.1
5
CDZ55C8V2
7.7
8.7
5
7
50
1
0.1
6.2
CDZ55C9V1
8.5
9.6
5
10
50
1
0.1
6.8
CDZ55C10
9.4
10.6
5
15
70
1
0.1
7.5
CDZ55C11
10.4
11.6
5
20
70
1
0.1
8.2
CDZ55C12
11.4
12.7
5
20
90
1
0.1
9.1
CDZ55C13
12.4
14.1
5
26
110
1
0.1
10
CDZ55C15
13.8
15.6
5
30
110
1
0.1
11
CDZ55C16
15.3
17.1
5
40
170
1
0.1
12
CDZ55C18
16.8
19.1
5
50
170
1
0.1
13
CDZ55C20
18.8
21.2
5
55
220
1
0.1
15
CDZ55C22
20.8
23.3
5
55
220
1
0.1
16
CDZ55C24
22.8
25.6
5
80
220
1
0.1
18
CDZ55C27
25.1
28.9
5
80
220
1
0.1
20
CDZ55C30
28
32
5
80
220
1
0.1
22
CDZ55C33
31
35
5
80
220
1
0.1
24
CDZ55C36
34
38
5
80
220
1
0.1
27
TYPE
Maximum Reverse
Leakage Current
IR @ VR
µA
Volts
Maximum Zener
Impedance
ZZT@IZT
ZZK@IZK
Ohms
Ohms
Nominal
Zener
Voltage
VZ@IZT
Volts
Zener
Test
Current
IZT
mA
IZK
mA



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com