전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AWB7221 데이터시트(PDF) 8 Page - ANADIGICS, Inc

부품명 AWB7221
상세설명  2.30 GHz to 2.70 GHz Small-Cell Power Amplifier Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7221 데이터시트(HTML) 8 Page - ANADIGICS, Inc

  AWB7221 Datasheet HTML 1Page - ANADIGICS, Inc AWB7221 Datasheet HTML 2Page - ANADIGICS, Inc AWB7221 Datasheet HTML 3Page - ANADIGICS, Inc AWB7221 Datasheet HTML 4Page - ANADIGICS, Inc AWB7221 Datasheet HTML 5Page - ANADIGICS, Inc AWB7221 Datasheet HTML 6Page - ANADIGICS, Inc AWB7221 Datasheet HTML 7Page - ANADIGICS, Inc AWB7221 Datasheet HTML 8Page - ANADIGICS, Inc AWB7221 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PRELIMINARY DATA SHEET - Rev 1.1
12/2011
AWB7221
COMPONENT PACKAGING
Figure 7: Tape & Reel Packaging
Table 5: Tape & Reel Dimensions
PACKAGE TYPE
TAPE WIDTH
POCKET PITCH
REEL
CAPACITY
MAX REEL DIA
7 mm x 7 mm x 1.3 mm
16 mm
12 mm
2500
13"
PIN 1



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com