| 전자부품 데이터시트 검색엔진 |
|
AM1D-4815S-RZ 데이터시트(PDF) 1 Page - AIMTEC |
|
|
|||||||||||||||||||||||||||||
AM1D-4815S-RZ 데이터시트(HTML) 1 Page - AIMTEC |
|
1 / 5 page ![]() Series AM1D-RZ 1 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.C 1 of 5 North America only FEATURES: Models Single output Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Isolation (VDC) Max Capacitive Load (uF) Efficiency AM1D-0505S-RZ 4.5-5.5 5 200 1000 220 84 AM1D-0509S-RZ 4.5-5.5 9 111 1000 220 86 AM1D-0512S-RZ 4.5-5.5 12 83 1000 100 87 AM1D-0515S-RZ 4.5-5.5 15 66 1000 100 87 AM1D-1205S-RZ 10.8-13.2 5 200 1000 220 84 AM1D-1209S-RZ 10.8-13.2 9 111 1000 220 86 AM1D-1212S-RZ 10.8-13.2 12 83 1000 100 88 AM1D-1215S-RZ 10.8-13.2 15 66 1000 100 88 AM1D-1505S-RZ 13.6-16.5 5 200 1000 220 84 AM1D-1509S-RZ 13.6-16.5 9 111 1000 220 86 AM1D-1512S-RZ 13.6-16.5 12 83 1000 100 87 AM1D-1515S-RZ 13.6-16.5 15 66 1000 100 89 AM1D-2405S-RZ 21.6-26.4 5 200 1000 220 83 AM1D-2409S-RZ 21.6-26.4 9 111 1000 220 86 AM1D-2412S-RZ 21.6-26.4 12 83 1000 100 87 AM1D-2415S-RZ 21.6-26.4 15 66 1000 100 87 AM1D-4805S-RZ 43.6-52.8 5 200 1000 220 79 AM1D-4809S-RZ 43.6-52.8 9 111 1000 220 82 AM1D-4812S-RZ 43.6-52.8 12 83 1000 100 82 AM1D-4815S-RZ 43.6-52.8 15 66 1000 100 81 AM1D-0505SH30-RZ 4.5-5.5 5 200 3000 220 84 AM1D-0509SH30-RZ 4.5-5.5 9 111 3000 220 86 AM1D-0512SH30-RZ 4.5-5.5 12 83 3000 100 87 AM1D-0515SH30-RZ 4.5-5.5 15 66 3000 100 87 AM1D-1205SH30-RZ 10.8-13.2 5 200 3000 220 84 AM1D-1209SH30-RZ 10.8-13.2 9 111 3000 220 86 AM1D-1212SH30-RZ 10.8-13.2 12 83 3000 100 88 AM1D-1215SH30-RZ 10.8-13.2 15 66 3000 100 88 AM1D-1505SH30-RZ 13.6-16.5 5 200 3000 220 84 AM1D-1509SH30-RZ 13.6-16.5 9 111 3000 220 86 AM1D-1512SH30-RZ 13.6-16.5 12 83 3000 100 87 AM1D-1515SH30-RZ 13.6-16.5 15 66 3000 100 89 AM1D-2405SH30-RZ 21.6-26.4 5 200 3000 220 83 AM1D-2409SH30-RZ 21.6-26.4 9 111 3000 220 86 AM1D-2412SH30-RZ 21.6-26.4 12 83 3000 100 87 AM1D-2415SH30-RZ 21.6-26.4 15 66 3000 100 87 AM1D-4805SH30-RZ 43.6-52.8 5 200 3000 220 79 AM1D-4809SH30-RZ 43.6-52.8 9 111 3000 220 82 AM1D-4812SH30-RZ 43.6-52.8 12 83 3000 100 82 AM1D-4815SH30-RZ 43.6-52.8 15 66 3000 100 81 • RoHS compliant • Operating temperature -40oC to + 85oC • High efficiency up to 89% • Short circuit protection • Low profile plastic package • Pin compatible with multiple manufacturers • 7 pin SIP package • Input / Output Isolation 1000 and 3000VDC |
유사한 부품 번호 - AM1D-4815S-RZ |
|
유사한 설명 - AM1D-4815S-RZ |