| 전자부품 데이터시트 검색엔진 |
|
AD600 데이터시트(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD600 데이터시트(HTML) 20 Page - Analog Devices |
|
20 / 20 page ![]() AD600/AD602 REV. A –20– OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 16-Pin Plastic DIP (N-16) Package 0.125 (3.18) MIN 0.035 (0.89) 0.18 (4.57) 0.3 (7.62) 0.87 (22.1) MAX 0.25 (6.35) 0.31 (7.87) 0.18(4.57) MAX 0.011 (0.28) 18 9 16 0.018 (0.46) 0.033 (0.84) 0.1 (2.54) 16-Pin SOIC (R-16) Package 0.019 (0.49) 0.05 (1.27) REF 0.104 (2.65) 0.012 (0.3) 1 8 9 16 0.413 (10.50) 0.419 (10.65) 0.299 (7.60) 0.042 (1.07) 0.013 (0.32) 0.030 (0.75) 16-Pin Cerdip (Q-16) Package 0.320 (8.13) 0.290 (7.37) 0.015 (0.38) 0.008 (0.20) 15 ° 0 ° 0.005 (0.13) MIN PIN 1 0.080 (2.03) MAX 0.310 (7.87) 0.220 (5.59) 1 8 9 16 0.840 (21.34) MAX 0.200 (5.08) MAX 0.023 (0.58) 0.014 (0.36) 0.200 (5.08) 0.125 (3.18) 0.100 (2.54) BSC 0.070 (1.78) 0.030 (0.76) 0.060 (1.52) 0.015 (0.38) 0.150 (3.81) MIN SEATING PLANE |