전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD621 데이터시트(PDF) 16 Page - Analog Devices

부품명 AD621
상세설명  Low Drift, Low Power Instrumentation Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD621 데이터시트(HTML) 16 Page - Analog Devices

Back Button AD621 Datasheet HTML 8Page - Analog Devices AD621 Datasheet HTML 9Page - Analog Devices AD621 Datasheet HTML 10Page - Analog Devices AD621 Datasheet HTML 11Page - Analog Devices AD621 Datasheet HTML 12Page - Analog Devices AD621 Datasheet HTML 13Page - Analog Devices AD621 Datasheet HTML 14Page - Analog Devices AD621 Datasheet HTML 15Page - Analog Devices AD621 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD621
REV. B
–16–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
Plastic DIP (N-8) Package
0.125 (3.18)
MIN
0.165
0.01
(4.19
0.25)
0.39 (9.91)
MAX
0.25
(6.35)
4
5
8
1
0.035
0.01
(0.89
0.25)
0.018
0.003
(0.46
0.08)
0.30 (7.62)
REF
0 - 15
0.10
(2.54)
TYP
0.011
0.003
(4.57
0.76)
SEATING PLANE
0.31
(7.87)
0.18
0.03
(4.57
0.76)
0.033
(0.84)
NOM
Cerdip (Q-8) Package
0.005 (0.13) MIN
0.055 (1.4) MAX
0.405 (10.29) MAX
0.150
(3.81)
MIN
0.200
(5.08)
MAX
0.310 (7.87)
0.220 (5.59)
0.070 (1.78)
0.030 (0.76)
0.200 (5.08)
0.125 (3.18)
0.023 (0.58)
0.014 (0.36)
0.320 (8.13)
0.290 (7.37)
0 - 15
0.015 (0.38)
0.008 (0.20)
0.100 (2.54)
BSC
SEATING PLANE
0.060 (1.52)
0.015 (0.38)
4
1
5
8
SOIC (R-8) Package
0.181 (4.60)
0.205 (5.20)
0.020 (0.50)
0.045 (1.15)
0.007 (0.18)
0.015 (0.38)
0.100 (2.59)
0.094(2.39)
0.004 (0.10)
0.010 (0.25)
1
4
5
8
0.188 (4.77)
0.198 (5.03)
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.200)
0.014 (0.36)
0.018 (0.46)
0.050 (1.27)
TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16