전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD883B2 데이터시트(PDF) 20 Page - Analog Devices

부품명 AD883B2
상세설명  Dual, Low Noise, Wideband Variable Gain Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD883B2 데이터시트(HTML) 20 Page - Analog Devices

Back Button AD883B2 Datasheet HTML 12Page - Analog Devices AD883B2 Datasheet HTML 13Page - Analog Devices AD883B2 Datasheet HTML 14Page - Analog Devices AD883B2 Datasheet HTML 15Page - Analog Devices AD883B2 Datasheet HTML 16Page - Analog Devices AD883B2 Datasheet HTML 17Page - Analog Devices AD883B2 Datasheet HTML 18Page - Analog Devices AD883B2 Datasheet HTML 19Page - Analog Devices AD883B2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD600/AD602
REV. A
–20–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Pin Plastic DIP (N-16) Package
0.125
(3.18)
MIN
0.035
(0.89)
0.18
(4.57)
0.3 (7.62)
0.87 (22.1) MAX
0.25
(6.35)
0.31
(7.87)
0.18(4.57)
MAX
0.011
(0.28)
18
9
16
0.018 (0.46)
0.033 (0.84)
0.1 (2.54)
16-Pin SOIC (R-16) Package
0.019
(0.49)
0.05 (1.27)
REF
0.104
(2.65)
0.012
(0.3)
1
8
9
16
0.413
(10.50)
0.419
(10.65)
0.299
(7.60)
0.042
(1.07)
0.013
(0.32)
0.030
(0.75)
16-Pin Cerdip (Q-16) Package
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
15
°
0
°
0.005 (0.13) MIN
PIN 1
0.080 (2.03) MAX
0.310 (7.87)
0.220 (5.59)
1
8
9
16
0.840 (21.34) MAX
0.200
(5.08)
MAX
0.023 (0.58)
0.014 (0.36)
0.200 (5.08)
0.125 (3.18)
0.100
(2.54)
BSC
0.070 (1.78)
0.030 (0.76)
0.060 (1.52)
0.015 (0.38)
0.150
(3.81)
MIN
SEATING
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20